Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2340 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2340
Description  RPD is a dedicated timing pin for the return from Power Down circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2340 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2340 Datasheet HTML 2Page - STMicroelectronics AN2340 Datasheet HTML 3Page - STMicroelectronics AN2340 Datasheet HTML 4Page - STMicroelectronics AN2340 Datasheet HTML 5Page - STMicroelectronics AN2340 Datasheet HTML 6Page - STMicroelectronics AN2340 Datasheet HTML 7Page - STMicroelectronics AN2340 Datasheet HTML 8Page - STMicroelectronics AN2340 Datasheet HTML 9Page - STMicroelectronics AN2340 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
External RPD circuitry examples
AN2340
6/10
2
External RPD circuitry examples
To ensure that both functions explained in the previous chapter work correctly, external
circuitry must be connected to the RPD.
2.1
RC network
A simple RC network can be connected to the RPD pin leading to correct behavior both
during system reset and return from power down. The cases will be analyzed separately
considering that the resistance R and the capacitor C are connected as in
Figure 3.
2.1.1
System reset
On power-up, the logical low level on the RPD pin forces an asynchronous hardware reset
when RSTIN is asserted low (see
Figure 1). The external pull-up R will then charge the
capacitor C. Note that an internal pull-down device on the RPD pin is turned on when the
RSTIN pin is low, and causes the external capacitor (C) to begin discharging at a typical rate
of 100 to 200
µA. With this mechanism, after a power-up reset, short low pulses applied on
RSTIN produce synchronous hardware reset. If RSTIN is asserted longer than the time
needed for C to be discharged by the internal pull-down device, then the device is forced
into an asynchronous reset.
2.1.2
Return from power down
To exit Power Down mode with external interrupt, an EXxIN pin must be asserted for at least
40ns (x = 7...0). This signal enables the internal main oscillator (if not already running) and
PLL circuitry, and also turns on the internal weak pull-down on RPD pin. The discharging of
the external capacitor C provides a delay that allows the oscillator and PLL circuits to
stabilize before the internal CPU and Peripheral clocks are enabled. When the voltage on
the RPD pin drops below the threshold voltage, the CPU and Peripheral clocks are enabled
and the device resumes code execution (see
Figure 2 on page 5).
Figure 3.
RPD pin: Internal (simplified) and external circuitry
+
VDD
C
R
RPD
VDD
Pull-Up
Weak Pull-Down
(~ 200
µA)
Driven by internal
reset/pwrnd
circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com