Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2340 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2340
Description  RPD is a dedicated timing pin for the return from Power Down circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2340 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2340 Datasheet HTML 2Page - STMicroelectronics AN2340 Datasheet HTML 3Page - STMicroelectronics AN2340 Datasheet HTML 4Page - STMicroelectronics AN2340 Datasheet HTML 5Page - STMicroelectronics AN2340 Datasheet HTML 6Page - STMicroelectronics AN2340 Datasheet HTML 7Page - STMicroelectronics AN2340 Datasheet HTML 8Page - STMicroelectronics AN2340 Datasheet HTML 9Page - STMicroelectronics AN2340 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
External RPD circuitry examples
AN2340
8/10
The value of the resistance R, instead, is linked to the time needed to charge the capacitor
C. Normally 220K
Ω < R < 1MΩ
.
2.2
Alternate configuration
If both synchronous reset and interruptible power down modes are not required, it is
possible to connect the RPD pin to ground, directly or through a resistance.
Figure 5.
RPD pin connected to ground
The internal pull-up is sized to allow a direct connection to ground without any problem to
the internal circuitry.
As already explained, with this kind of connection, any pulse longer than 500ns on the
RSTIN pin leads to an asynchronous reset. Moreover, it is not advised to use an interruptible
power-down.
Table 2.
RSTIN pulse length and reset events in presence of an RC network
Pulse length
Event
tRSTIN <= 500ns
No effect (filtered)
500ns < tRSTIN < 512 CPU clock cycles
Short synchronous reset
512 CPU clock cycles < tRSTIN < 10ms
Long synchronous reset
tRSTIN > 10ms
Asynchronous reset
RPD
VDD
Pull-Up
Weak Pull-Down
(~ 200
µA)
driven by internal
reset/pwrnd
circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com