Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2352 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2352 Datasheet HTML 9Page - STMicroelectronics AN2352 Datasheet HTML 10Page - STMicroelectronics AN2352 Datasheet HTML 11Page - STMicroelectronics AN2352 Datasheet HTML 12Page - STMicroelectronics AN2352 Datasheet HTML 13Page - STMicroelectronics AN2352 Datasheet HTML 14Page - STMicroelectronics AN2352 Datasheet HTML 15Page - STMicroelectronics AN2352 Datasheet HTML 16Page - STMicroelectronics AN2352 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2352
Configuration of the CAN bit timing
13/20
1.6.1
Example for bit timing at high baud rate
In this example, CPU clock frequency is 40 MHz, the frequency of the CAN module clock is
20 MHz, BRP is 1 and the bit rate is 1 Mbit/s. By default, the ST10F27x divides by 2 the
clock that feeds the CAN cells (mandatory when the CPU clock frequency is higher than
40 MHz). It is possible to disable this function by setting bit 2 of the XMISC register.
In this example, the concatenated bit time parameters are (2-1)3 and (7-1)4 and (1-1)2 and
(1)6 and the Bit Timing Register is programmed to = 0x1601.
tq
100 ns
= 2 x tCAN_CLK
delay of bus driver
50 ns
delay of receiver circuit
30 ns
delay of bus line (40m)
220 ns
tProp
600 ns
= 6 x tq
tPB1
100 ns
= 1 x tq
tTSeg1
700 ns
= tProp + tPB1
tTSeg2
200 ns
= Information processing time + 1 • tq
tSJW
100 ns
= 1 x tq
tSync-Seg
100 ns
= 1 x tq
bit time
1000 ns
= tSync-Seg + tTSeg1 + tTSeg2
tolerance for CAN clock
=
tolerance for CAN clock
= 39%
min
min PB1 PB2
(,
)
2
13
bit_time
⋅
PB2
–
()
⋅
-----------------------------------------------------------------------
tSJW
()
210
tBT
⋅⋅
----------------------------------
,
⎝⎠
⎛⎞
min PB1 PB2
(,
)
2
13
bit_time
⋅
PB2
–
()
⋅
-----------------------------------------------------------------------
0.1
µs
213
1
µs0.2µs
–
⋅
()
⋅
------------------------------------------------------------
039%
,
==
tSJW
()
210
tBT
⋅⋅
----------------------------------
0.1
µs
210
1
µs
⋅
()
⋅
---------------------------------------
05%
,
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com