Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2352 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2352
Description  PLL jitter effects on C-CAN modules of the ST10F27x
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2352 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2352 Datasheet HTML 1Page - STMicroelectronics AN2352 Datasheet HTML 2Page - STMicroelectronics AN2352 Datasheet HTML 3Page - STMicroelectronics AN2352 Datasheet HTML 4Page - STMicroelectronics AN2352 Datasheet HTML 5Page - STMicroelectronics AN2352 Datasheet HTML 6Page - STMicroelectronics AN2352 Datasheet HTML 7Page - STMicroelectronics AN2352 Datasheet HTML 8Page - STMicroelectronics AN2352 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN2352
Configuration of the CAN bit timing
5/20
Figure 2.
Propagation time segment
In this example, both nodes A and B are transmitters performing an arbitration for the CAN
bus. Node A has sent its start of frame bit less than one bit time earlier than node B,
therefore node B has synchronized itself to the received edge from recessive to dominant.
Since node B has received this edge delay (A_to_B) after it has been transmitted, B’s bit
timing segments are shifted in relation to A. Node B sends an identifier with a higher priority
and therefore will win the arbitration at a specific identifier bit when it transmits a dominant
bit while node A transmits a recessive bit. The dominant bit transmitted by node B arrives at
node A after the delay (B_to_A).
Due to oscillator tolerances, the actual position of node A’s sample point can be anywhere
inside the nominal range of node A’s phase buffer segments, so the bit transmitted by node
B must arrive at node A before the start of Phase_Seg1. This condition defines the length of
Prop_Seg.
If the edge from recessive to dominant transmitted by node B would arrive at node A after
the start of Phase_Seg1, it is possible that node A samples a recessive bit instead of a
dominant bit, resulting in a bit error and the destruction of the current frame by an error flag.
The error occurs only when two nodes with oscillators at opposite ends of the tolerance
range and separated by a long bus line arbitrate for the CAN bus; this is an example of a
minor error in the bit timing configuration (Prop_Seg too short) that causes sporadic bus
errors.
1.3
Phase buffer segments and synchronization
The phase buffer segments (Phase_Seg1 and Phase_Seg2) and the synchronization jump
width (SJW) are used to compensate the oscillator tolerance. The phase buffer segments
may be lengthened or shortened by synchronization.
Synchronizations occur on edges from recessive to dominant; their purpose is to control the
distance between edges and sample points.
Edges are detected by sampling the actual bus level in each time quantum and comparing it
with the bus level at the previous sample point. A synchronization is possible only if a
Sync_Seg
Prop_Seg
Phase_Seg1
Phase_Seg2
Node B
Node A
Delay A_to_B
Delay B_to_A
Prop_Seg
>= Delay A_to_B + Delay B_to_A
Prop_Seg
>= 2 • [max(node output delay + bus line delay + node input delay)]
Delay A_to_B >= node output delay(A) + bus line delay(AÆB) + node input delay(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com