Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2479 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2479
Description  The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2479 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2479 Datasheet HTML 6Page - STMicroelectronics AN2479 Datasheet HTML 7Page - STMicroelectronics AN2479 Datasheet HTML 8Page - STMicroelectronics AN2479 Datasheet HTML 9Page - STMicroelectronics AN2479 Datasheet HTML 10Page - STMicroelectronics AN2479 Datasheet HTML 11Page - STMicroelectronics AN2479 Datasheet HTML 12Page - STMicroelectronics AN2479 Datasheet HTML 13Page - STMicroelectronics AN2479 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Design guidelines for PCB schematic and layout
AN2479
10/23
Doc ID 12956 Rev 2
frequency, which must be chosen between the upper limit of the audio band (~ 20 kHz)
and the carrier frequency (384 kHz), otherwise the frequency response is affected.
3.
The purpose of the damping network is to avoid the high-frequency oscillation issue on
the output circuit. It can also improve THD and avoid the inductive copper on the PCB
route when the system is working in high frequency with PWM or PCM.
Snubber filter
The snubber circuit must be optimized for the application. Starting values are 330 pF in
series to 22 ohm. The power on this network can be defined by the following formula which
considers the power supply, frequency and capacitor value:
P = C * f * (2 * V)2
This power is dissipated on the series resistance.
Figure 9.
Snubber filter
Damping network
The C-R-C is a damping network and is mainly intended for high inductive loads.
Figure 10.
Damping network
C126
330 p
R44
22
INxA
INxB
C damp-S
C damp-P
C damp-P
C damp-S
R damp
R damp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com