Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2479 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2479
Description  The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2479 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2479 Datasheet HTML 1Page - STMicroelectronics AN2479 Datasheet HTML 2Page - STMicroelectronics AN2479 Datasheet HTML 3Page - STMicroelectronics AN2479 Datasheet HTML 4Page - STMicroelectronics AN2479 Datasheet HTML 5Page - STMicroelectronics AN2479 Datasheet HTML 6Page - STMicroelectronics AN2479 Datasheet HTML 7Page - STMicroelectronics AN2479 Datasheet HTML 8Page - STMicroelectronics AN2479 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Test conditions and connections of demonstration board
AN2479
4/23
Doc ID 12956 Rev 2
1.2
Connections
Figure 2.
Board terminals (top view)
Figure 3.
Speaker jack connection
External +3.3V
(No need if
+3.3V selection
is set to internal)
R_CH Output
L_CH Output
Vcc (5-18V)
+3.3V
Selection
Connect to
interface board
Oversampling
Selection
Gain
Selection
Format
Selection
L_CH Output
R_CH Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com