Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2722 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2722
Description  Demonstration board user guidelines for the
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2722 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2722 Datasheet HTML 1Page - STMicroelectronics AN2722 Datasheet HTML 2Page - STMicroelectronics AN2722 Datasheet HTML 3Page - STMicroelectronics AN2722 Datasheet HTML 4Page - STMicroelectronics AN2722 Datasheet HTML 5Page - STMicroelectronics AN2722 Datasheet HTML 6Page - STMicroelectronics AN2722 Datasheet HTML 7Page - STMicroelectronics AN2722 Datasheet HTML 8Page - STMicroelectronics AN2722 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN2722
2/16
The TS4601B has the following key features.
■ Power supply range: 2.9 to 5.5 V
■ 107 dB of PSRR at 217 Hz
■ Fully-differential inputs
■ I²C interface for volume control
■ Digital volume control range from -60 dB to +4 dB
■ 101 dB of SNR A-weighted
■ Independent right and left channel shutdown control
■ Low quiescent current: 4.8 mA typ. at 3.0 V
■ Low standby current: 2 µA max
■ Output coupling capacitors removed
■ Flip-chip package: 2.1 mm x 2.1 mm, 500 µm pitch, 16 bumps
Refer to the datasheet for complete information on the TS4601B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com