Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2722 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2722
Description  Demonstration board user guidelines for the
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2722 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2722 Datasheet HTML 1Page - STMicroelectronics AN2722 Datasheet HTML 2Page - STMicroelectronics AN2722 Datasheet HTML 3Page - STMicroelectronics AN2722 Datasheet HTML 4Page - STMicroelectronics AN2722 Datasheet HTML 5Page - STMicroelectronics AN2722 Datasheet HTML 6Page - STMicroelectronics AN2722 Datasheet HTML 7Page - STMicroelectronics AN2722 Datasheet HTML 8Page - STMicroelectronics AN2722 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN2722
Description of the demonstration board
3/16
1
Description of the demonstration board
The TS4601B demonstration board is designed to help you evaluate the TS4601B audio
differential input stereo headphone amplifier. The TS4601B device, in a flip chip package, is
mounted on a four-layer PCB. An on-board RS-232 to I2C interface makes this board easy
to control from a personal computer by using its serial port.
The provided software controls all of the TS4601B’s features (gain, mode, mute, standby
and register status).
You can use the connectors on the demonstration board to directly control some of the
features.
●
The master standby of the TS4601B can be set directly by Cn8 or, if the jumper is
removed, by an external digital control (see Table 1).
●
By removing the jumpers on Cn6 and Cn7, you can disconnect the on-board I2C
interface so that you can control the TS4601B by an external I2C bus interface.
●
The -3 dB cut-off input high-pass filter is set at about 6 Hz (C4 to C7). If you want to
change this frequency, you have to replace C4 to C7 at the same time. More
information about these component calculations is available in the TS4601B datasheet.
●
The actual current consumption of the TS4601B can be measured directly by removing
the jumper on Cn3 and inserting a DC amperemeter in series. The overall current
consumption of the demonstration board is higher than the consumption of the
TS4601B because the Cn1 power supply connector supplies the RS-232 to I2C adapter
in addition to the TS4601B.
Table 1.
Demonstration board connectors
Connector
Description
Cn1
Power connector (VCC and GND). Power supply voltage from 2.9 V to 5.5 V.
Cn2, Cn9
Fully-differential positive and negative input signal connectors (active input signal
and GND). By shorting one active input to GND, you can use the demonstration
board in single-ended input mode (refer to the TS4601B datasheet for more
information).
Cn3
Connector that allows direct measurement of TS4601B’s current consumption.
Remove the jumper and insert a DC amperemeter.
Cn4
Left output connector (GND and active signal).
Cn5
Right output connector (GND and active signal).
Cn6, Cn7
SCL and SDA connectors:
– pins shorted, TS4601B is controlled by the on-board RS 232 to I2C interface.
– pins unshorted, TS4601B can be controlled by an external I2C bus.
Cn8
Standby control connector:
– when pins 1 and 2 are shorted, the TS4601B is in operation mode.
– when pins 2 and 3 are shorted, the TS4601B is in master standby mode.
The connector pins are connected as follows:
– pin 1 to VCC
– pin 2 to SDZ of the TS4601B
– pin 3 to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com