Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2725 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2725
Description  a brief description of the TS2012 device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2725 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2725 Datasheet HTML 1Page - STMicroelectronics AN2725 Datasheet HTML 2Page - STMicroelectronics AN2725 Datasheet HTML 3Page - STMicroelectronics AN2725 Datasheet HTML 4Page - STMicroelectronics AN2725 Datasheet HTML 5Page - STMicroelectronics AN2725 Datasheet HTML 6Page - STMicroelectronics AN2725 Datasheet HTML 7Page - STMicroelectronics AN2725 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description of the demonstration board
AN2725
2/8
Doc ID 14535 Rev 1
1
Description of the demonstration board
The STEVAL-CCA007V1 is designed to evaluate the TS2012, a fully-differential class D
stereo power amplifier. The TS2012 device, available in a QFN package, is mounted on a
two-layer PCB with a copper area acting as a heatsink. Easily-accessible on-board
connectors are used to change or drive the gain select pins (G0 and G1) and the standby
control pins. The input configuration of the TS2012 can also be changed.
The differential gain of the TS2012 can be set to 6, 12 18, or 24 dB, depending on the logic
level of the G0 pin (connected to pin 2 of the P3) and G1 pin (connected to pin 2 of the P2).
Note:
There is an internal 300 k
Ω (+/-20%) resistor between pins G0, G1 and GND. When the
pins are floating (P2 and P3 included), the gain is 6 dB. In full standby mode (left and right
channels OFF), these resistors are disconnected (HiZ input).
The input configuration is either capacitor-coupled or common-mode feedback. On the
board, the connectors for the left channel (P13 and P14) and those for the right channel
(P23 and P24) allow you to change the input configuration.
In the capacitor-coupled configuration, the -3 dB cut-off frequency FC in Hz is:
with Zin in Ω (Zin= 30 kΩ typically), Cin in Farads, C13 = C14 and C23 = C24.
Note:
On the TS2012 demonstration board Cin = C13 = C14 = C23 = C24 = 220 nF, which means
that FC = 24.1 Hz for both channels.
More information on component calculations is available in the TS2012 datasheet.
Table 1.
Gain settings with G0 and G1 pins
G1
G0
P2
P3
Gain (dB)
Gain (V/V)
00
62
01
12
4
10
18
8
1
1
24
16
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
`
12
3
F
c
1
2
π Z
in
C
in
⋅⋅
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com