Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2725 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2725
Description  a brief description of the TS2012 device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2725 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2725 Datasheet HTML 1Page - STMicroelectronics AN2725 Datasheet HTML 2Page - STMicroelectronics AN2725 Datasheet HTML 3Page - STMicroelectronics AN2725 Datasheet HTML 4Page - STMicroelectronics AN2725 Datasheet HTML 5Page - STMicroelectronics AN2725 Datasheet HTML 6Page - STMicroelectronics AN2725 Datasheet HTML 7Page - STMicroelectronics AN2725 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2725
Description of the demonstration board
Doc ID 14535 Rev 1
3/8
Caution:
When you apply the power supply through P1, do not invert the polarity as this will
irreversibly damage the U1 amplifier.
Table 2.
Demonstration board connectors
Connector(s)
Description
P1
Power connector (VCC and GND). Power supply voltage from 2.5 to 5.5 V.
P2, P3
Gain setting connectors - P2 for the G1 pin, P3 for the G0 pin of the TS2012.
The connector pins are connected as follows:
– 1 to VCC
– 2 of P2 to the G1 pin
– 2 of P3 to the G0 pin
– 3 to GND
Jumper positions:
– logical "1": pins 1 and 2 are shorted
– logical "0": pins 2 and 3 are shorted
P4, P5
Standby control connector - P4 for the right channel, P5 for the left channel.
The connector pins are connected as follows:
– 1 to VCC
– 2 of P4 to the STBYR pin of the TS2012
– 2 of P5 to the STBYL pin of the TS2012
– 3 to GND
Jumper positions:
–
when pins 1 and 2 are shorted, the channel is operating.
–
when pins 2 and 3 are shorted or pin 2 is floating, the channel is in
standby mode.
P11
Left channel positive input signal connectors (active input signal Lin+ and
GND)
P12
Left channel negative input signal connectors (active input signal Lin- and
GND)
P21
Right channel positive input signal connectors (active input signal Rin+ and
GND)
P22
Right channel negative input signal connectors (active input signal Rin- and
GND)
P13, P14, P23, P24
Input configuration:
– capacitor coupled when P13 and P14 (P23 and P24) are disconnected.
– common-mode feedback when P13 and P14 (P23 and P24) are shorted by
jumpers.
P15
Left channel output signal connector (positive and negative output)
P25
Right channel output signal connector (positive and negative output)
`
12
3
`
12
3
`
12
3
`
12
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com