Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1559 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 2Page - STMicroelectronics UM1559 Datasheet HTML 3Page - STMicroelectronics UM1559 Datasheet HTML 4Page - STMicroelectronics UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Schematic and bill of material
UM1559
6/13
Doc ID 023542 Rev 1
Table 1.
BOM
Designator
Part/value
Manufacturer
Manufacturer part no.
C1
0.22 µF
C2
2.2 µF 250 V
Panasonic
EF2225
C3
220 µF 10 V
C4
470 µF 10 V
C5, C6
0.22 µF
C7
47 nF
D1,D2, D3
1N4148
Diodes Inc
1N4148FDICT
J1, J3
4Pos .100 header
J2
2Pos .100 header
J4
2Pos .100 header
LED2
Red LED
LED1, LED3, LED4,
LED5
DNI
P1, P2
2Pos locking 5 mm
PB1
PB2, PB3
DNI
Q1
T1635T
STMicroelectronics
T1635T-81
R1, R13,
1 k
Ω
R14
100 k
Ω
R2, R3, R5, R6
39 k
Ω
R4
DNI
R7, R8
100 k
Ω
R9, R10, R29, R31
2 k
Ω
R11, R28
22 k
Ω
R12
MOV
Epcos
S14K275
R15
47
Ω
R16
0.01
R17
5 k
Ω pot
R18, R22, R23, R25,
R26
2.2 k
Ω
R19
47 k
Ω
R20, R21
100
Ω
R24, R32, R33
10 k
Ω
R27
200 k
Ω
R30
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com