Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1559 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1559 Datasheet HTML 1Page - STMicroelectronics UM1559 Datasheet HTML 2Page - STMicroelectronics UM1559 Datasheet HTML 3Page - STMicroelectronics UM1559 Datasheet HTML 4Page - STMicroelectronics UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2012
Doc ID 023542 Rev 1
1/13
UM1559
User manual
STEVAL-IHM041V1: hardware description
Introduction
The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
control using an STM8S103F3, 8-bit microcontroller, to set the conduction angle of the Triac.
The board may be operated in either open loop mode or in closed loop speed control mode,
with an AC tach, hall sensor or opto sensor feedback. The open loop mode may also be
used as a lamp dimmer.
The board is designed to operate from a 120 V/60 Hz mains, but may be easily modified to
operate on other mains voltages by changing components in the power supply and motor
voltage sensing circuits. Suggested component values for other mains voltages are shown
in the alternate bill of materials.
On power-up, the firmware determines if jumper J4 is installed or not. The board operates in
open loop mode if J4 is not installed and in closed loop mode if J4 is installed. When
operating in closed loop mode, an AC tach or a hall effect device is connected to J3 to
provide speed feedback.
Figure 1.
Board image
www.st.com


Similar Part No. - UM1559

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1550 UNIONSEMI-UM1550 Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1550B UNIONSEMI-UM1550B Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1550DA UNIONSEMI-UM1550DA Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1550DB UNIONSEMI-UM1550DB Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
UM1550S UNIONSEMI-UM1550S Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
More results

Similar Description - UM1559

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM029V1 STMICROELECTRONICS-STEVAL-IHM029V1 Datasheet
147Kb / 4P
2000 W universal motor control demonstration board based on the STM8S103F2 MCU and T1235H Triac
11-Jun-2010
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
The BT152 is suitable for motor control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com