Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1216 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1216
Description  Implementing a periodic alarm with TIMEKEEPER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1216 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1216 Datasheet HTML 1Page - STMicroelectronics AN1216 Datasheet HTML 2Page - STMicroelectronics AN1216 Datasheet HTML 3Page - STMicroelectronics AN1216 Datasheet HTML 4Page - STMicroelectronics AN1216 Datasheet HTML 5Page - STMicroelectronics AN1216 Datasheet HTML 6Page - STMicroelectronics AN1216 Datasheet HTML 7Page - STMicroelectronics AN1216 Datasheet HTML 8Page - STMicroelectronics AN1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN1216
2/11
DocID007016 Rev 2
TIMEKEEPER® configuration
The TIMEKEEPER register mapping is shown in Table 2. This is divided in two parts: the
clock registers and the alarm registers.
Clock registers
The clock registers can be configured in the C language computer program as follows:
*TIMEKEEPER_CAL |= 0x80
*TIMEKEEPER_SEC= 00 //user clock setting : seconds parameter
*TIMEKEEPER_MIN= 00 //user clock setting : minutes parameter
*TIMEKEEPER_HOUR= 00 //user clock setting : hours parameter
*TIMEKEEPER_CAL&= 0x7F
The process for starting the clock and making the calibration adjustments are described in
the M48T37V/Y datasheet, and in application notes AN925 and AN934.
Alarm registers
For TIMEKEEPER devices it is necessary to set the Write bit, W, at the top of the control
register (at address offset 7FF8h) before proceeding to any clock modification. Modifications
Table 2. Typical TIMEKEEPER® (M48T37V/Y) register map
Address
Data
Function
Range
(in BCD format)
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 Years
Year
Year
00-99
7FFEh
0
0
0
10M
Month
Month
01-12
7FFDh
0
0
10 date
Date
Date
01-31
7FFCh
0
FT
0
0
0
Day
Day
01-7
7FFBh
0
0
10 hours
Hours
Hour
00-23
7FFAh
0
10 Minutes
10 Minutes
Minute
00-59
7FF9h
ST
10 Seconds
Seconds
Second
00-59
7FF8h
W
R
S
Calibration
Control
7FF7h
WDS
BMB4
BMB3
BMB2 BMB1 BMB0 RB1
RB0
Watchdog
7FF6h
AFE
0
ABE
0
0
0
0
0
Interrupt
7FF5h
RPT4
0
Al 10 Date
Alarm Date
A Date
01-31
7FF4h
RPT3
0
Al 10 Hour
Alarm Hour
A Hour
00-23
7FF3h
RPT2
Alarm 10 Minutes
Alarm Minutes
A Minute
00-59
7FF2h
RPT1
Alarm 10 Seconds
Alarm Seconds
A Second
00-59
7FF1h
1000 Years
100 Years
Century
00-99
7FF0h
WDF
AF
Z
BL
Z
Z
Z
Z
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com