Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1216 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1216
Description  Implementing a periodic alarm with TIMEKEEPER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1216 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1216 Datasheet HTML 1Page - STMicroelectronics AN1216 Datasheet HTML 2Page - STMicroelectronics AN1216 Datasheet HTML 3Page - STMicroelectronics AN1216 Datasheet HTML 4Page - STMicroelectronics AN1216 Datasheet HTML 5Page - STMicroelectronics AN1216 Datasheet HTML 6Page - STMicroelectronics AN1216 Datasheet HTML 7Page - STMicroelectronics AN1216 Datasheet HTML 8Page - STMicroelectronics AN1216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID007016 Rev 2
3/11
AN1216
11
to the alarm registers, though, can be made at any time, with no prior changes to the control
register being necessary.
The program listing, at the end of this document, contains statements to perform the
following functions:
1.
The Stop bit (ST, bit 7 of the register at offset 7FF9h) has to be reset to start the
TIMEKEEPER oscillator
*TIMEKEEPER_SEC &= 0x7F; // reset bit D7 using a mask 0x7F
2.
The Alarm Flag Enable (AFE) bit (bit 7 of the register at offset 7FF6h) is set, thereby
allowing the IRQ pin (pin 40) to output the interrupt signal (active low).
*TKPER_AL_IT |= 0x80; // set bit D7 using a mask 0x80
3.
The flag register (at offset 7FF0h) must be read at the beginning of the alarm updating
routine. If not, the AF flag will never be released, and the TIMEKEEPER will
continuously output an interrupt to the MCU, and the system will become
unresponsive.
Software configuration
The program is listed in Alarm update management. To understand its operation, it is
important to distinguish between the three pointer variables, pointing to physical addresses
in the hardware:
*TKPER_AL_HOUR, *TKPER_AL_MIN, *TKPER_AL_SEC
and the three integer variables, used as work-space by the software:
alarm_hour, alarm_minute, alarm_second
The first three variables are pointers to the physical address of the values that are stored in
the device.
The three software variables are used to hold the user’s data (they specify the period of the
alarm in hours, minutes and seconds). This is not the same information as is stored in the
TIMEKEEPER registers, as pointed to by the pointer variables, but is used in their
calculation.
The program does make use of the four Repeat bits (RPT4, RPT3, RPT2 and RPT1) that
are physically located in the TIMEKEEPER device. These should all be set, except for those
corresponding to fields that contain significant data. For instance, to set an alarm that
repeats every 3 minutes and 45 seconds, the alarm_minutes and alarm_seconds variables
would be loaded with these two values. Then appropriate values would be calculated for
loading in the “Alarm Minutes” and “Alarm Seconds” fields of the alarm registers (at
addresses 7FF3h and 7FF2h, *TKPER_AL_MIN and *TKPER_AL_SEC, respectively), and
their Repeat bits (RPT2 and RPT1, respectively) would be reset to ‘0’. Meanwhile, the
alarm_hour variable, and the “Alarm Date” and “Alarm Hour” fields of the alarm registers (at
addresses 7FF5h and 7FF4h, *TKPER_AL_DATE and *TKPER_AL_HOUR, respectively)
would be treated as “Don’t Care”, as indicated by their Repeat bits (RPT4 and RPT3,
respectively) being set. This is summarized in Table 3, with the three local integer variables,
alarm_second, alarm_minute and alarm_hour, used to represent the period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com