Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1572 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1572
Description  Power-down time-stamp function in serial real-time clocks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1572 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1572 Datasheet HTML 1Page - STMicroelectronics AN1572 Datasheet HTML 2Page - STMicroelectronics AN1572 Datasheet HTML 3Page - STMicroelectronics AN1572 Datasheet HTML 4Page - STMicroelectronics AN1572 Datasheet HTML 5Page - STMicroelectronics AN1572 Datasheet HTML 6Page - STMicroelectronics AN1572 Datasheet HTML 7Page - STMicroelectronics AN1572 Datasheet HTML 8Page - STMicroelectronics AN1572 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN1572
6/9
Doc ID 10604 Rev 2
Stop bit (ST)
If the oscillator has been determined to have stopped, it is recommended that users set and
then clear the oscillator stop bit (ST, bit 7 of address 1). This causes additional current to be
briefly injected into the oscillator to help get it running. We recommend using this kick-start
feature only when the oscillator is not running such as when the OF bit (oscillator fail status
bit) is set or when the device is being powered up for the first time.
If, upon power-up from backup mode, it is determined the device needs kick-starting, the
user should first clear the HT bit before setting the ST bit. Because the ST bit is part of the
seconds register, a write of the ST bit will result in the buffer/transfer registers being copied
to the counters. And if the HT bit is still set from power-down, the buffer/transfer registers
will contain the time of power-down. Thus kick-starting the device with HT set will result in
overwriting the date/time counters.
Furthermore, the user is reminded that the ST bit, being part of the seconds register, must
be packed with the seconds value. That is, the user must implement a read-modify-write
sequence on the seconds register when toggling the ST bit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com