Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1572 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1572
Description  Power-down time-stamp function in serial real-time clocks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1572 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1572 Datasheet HTML 1Page - STMicroelectronics AN1572 Datasheet HTML 2Page - STMicroelectronics AN1572 Datasheet HTML 3Page - STMicroelectronics AN1572 Datasheet HTML 4Page - STMicroelectronics AN1572 Datasheet HTML 5Page - STMicroelectronics AN1572 Datasheet HTML 6Page - STMicroelectronics AN1572 Datasheet HTML 7Page - STMicroelectronics AN1572 Datasheet HTML 8Page - STMicroelectronics AN1572 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2012
Doc ID 10604 Rev 2
1/9
AN1572
Application note
Power-down time-stamp function in serial real-time clocks (RTCs)
By Doug Sams
Introduction
Power-down time stamp and the Halt bit
Many serial RTC devices from STMicroelectronics include a feature known as power-down
time stamp. One register bit, Halt (HT), controls this feature. It is important that users
understand three things about the HT bit in order to ensure correct operation of these
devices.
1.
Upon power-up, prior to writing any of the clock/calendar registers - that is, prior to
writing any address in the range 00h to 07h - the user must first clear the HT bit by
writing it to 0 (in bit 6 of address 0Ch).
2.
Writing to addresses 00h to 07h (upon power-up) without first clearing the HT bit will
result in the counters being overwritten, thus corrupting the time/date.
3.
Before the HT bit is cleared, reads of the device will return the time of power-down (or,
in the case of the M41T82/83/93, the time of the last read or write prior to power-down).
www.st.com


Similar Part No. - AN1572

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1575 STMICROELECTRONICS-AN1575 Datasheet
73Kb / 11P
ON-BOARD PROGRAMMING METHODS FOR XFLASH AND HDFLASH ST7 MCUs
AN1576 STMICROELECTRONICS-AN1576 Datasheet
74Kb / 15P
The In-Application Programming
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
This application note presents the implementation
More results

Similar Description - AN1572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
logo
STMicroelectronics
AN923 STMICROELECTRONICS-AN923 Datasheet
200Kb / 7P
Managing century information using serial real-time clocks
14-Aug-2013
AN3060 STMICROELECTRONICS-AN3060 Datasheet
375Kb / 23P
Applications guide for serial real-time clocks
17-Jul-2012
M41T62 STMICROELECTRONICS-M41T62_V01 Datasheet
706Kb / 42P
Low-power serial real-time clocks (RTCs) with alarm
05-Sep-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com