Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17015 Datasheet(PDF) 39 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 39 Page - NEC

Back Button UPD17015 Datasheet HTML 35Page - NEC UPD17015 Datasheet HTML 36Page - NEC UPD17015 Datasheet HTML 37Page - NEC UPD17015 Datasheet HTML 38Page - NEC UPD17015 Datasheet HTML 39Page - NEC UPD17015 Datasheet HTML 40Page - NEC UPD17015 Datasheet HTML 41Page - NEC UPD17015 Datasheet HTML 42Page - NEC UPD17015 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
39
µPD17015
9.3.2
Using the Input Port
To read the input data, execute an instruction to read the contents of port register P0B (such as SKT).
If the signal input to a pin is high, 1 is read from the corresponding port register. If the input signal is low, 0 is
read from the port register.
If a write instruction (such as MOV) is executed for a port register, nothing changes.
9.3.3
Notes on Using the Input Port
P0B is internally pulled down.
9.3.4
Statuses of the Input Port upon Reset
(1) At power-on reset
All pins are set to input mode.
(2) At CE reset
All pins are set to input mode.
(3) At a clock-stop
All pins are set to input mode.
(4) In the halt state
The previous statuses are retained.
9.4
GENERAL-PURPOSE OUTPUT PORTS (P0A2, P0A3, P0C0 to P0C3, and P0D0 pins)
9.4.1
Configurations of the Output Ports
The configurations of the output ports are shown below.
• P0A (P0A2 and P0A3 pins), P0C (P0C0 to P0C3 pins), P0D (P0D0 pin)
VDD
VDD
Output
latch
Write instruction
Port register
(1 bit)
Read instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com