Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17015 Datasheet(PDF) 2 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 2 Page - NEC

  UPD17015 Datasheet HTML 1Page - NEC UPD17015 Datasheet HTML 2Page - NEC UPD17015 Datasheet HTML 3Page - NEC UPD17015 Datasheet HTML 4Page - NEC UPD17015 Datasheet HTML 5Page - NEC UPD17015 Datasheet HTML 6Page - NEC UPD17015 Datasheet HTML 7Page - NEC UPD17015 Datasheet HTML 8Page - NEC UPD17015 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
2
µPD17015
FUNCTION OVERVIEW
Item
Function
Program memory (ROM)
• 3K bytes (1528
× 16 bits)
General-purpose data memory
• 97
× 4 bits
Instruction execution time
• 53.3
µs (when 75 kHz crystal is used)
Stack levels
• 1 level
General-purpose ports
• I/O
: 2 ports
• Input only
: 3 ports
12
• Output only : 7 ports
BEEP output
1 (3 kHz)
LCD controller/driver
• 9 segments, 4 commons
• 1/4 duty, 1/2 bias, frame frequency 62.5 Hz, driving voltage 3.0 V (TYP.)
Timers
2 channels
Basic timer 0 : 125 ms
Basic timer 1 : 5 ms
Reset
• Power-on reset
• Reset with the CE pin (by switching the CE pin from low to high)
• Power-failure detection function
PLL
Frequency division
2
• Direct division method
(VCOL pin (MF mode)
:
8 MHz MAX.)
frequency
method
• Pulse swallow method
(VCOL pin (HF mode)
:
55MHz MAX.)
synthesizer
(VCOH pin (VHF mode) : 220MHz MAX.)
Reference frequency
1, 3, 5, or 25 kHz, selected by software.
Charge pump
Error-out output: 1
Phase comparator
An unlocked state can be detected by software.
Supply voltage
• 1.8 to 3.6 V (TA = –10 to +50
°C)
• 1.9 to 3.6 V (TA = –20 to +50
°C)
Package
38-pin plastic shrink SOP (0.65-mm pitches, 300 mil)
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com