Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2299 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 4Page - STMicroelectronics AN2299 Datasheet HTML 5Page - STMicroelectronics AN2299 Datasheet HTML 6Page - STMicroelectronics AN2299 Datasheet HTML 7Page - STMicroelectronics AN2299 Datasheet HTML 8Page - STMicroelectronics AN2299 Datasheet HTML 9Page - STMicroelectronics AN2299 Datasheet HTML 10Page - STMicroelectronics AN2299 Datasheet HTML 11Page - STMicroelectronics AN2299 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Calibration principles and underlying theory
AN2299
8/26
Rev2
If the system is not immune to the external influences, it can only be operated under very
special conditions and the results are impossible to reproduce in other locations, where
there may be a different measuring set-up. Also short time repeatability due to noise and the
resulting statistical effects will be bigger.
The external influences on total system accuracy can be as big as or even bigger than the
basic specified error.
Note:
Please note that the voltage front end handles voltages of considerable amplitude, which
makes it a potential source of noise. Disturbances are readily emitted into current
measurement circuitry, where it will interfere with the actual signal to be measured.
Typically, this shows as a non-linear error at small signal amplitudes and non-unity power
factors. At unity power factor, voltage and current signals are in phase and crosstalk
between voltage and current channels merely appears as a gain error, which can be
calibrated. When voltage and current are not in phase, crosstalk will have a non-linear effect
on the measurements, which cannot be calibrated. Crosstalk is minimized by means of good
PCB planning and the proper use of filter components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com