Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2299 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2299 Datasheet HTML 1Page - STMicroelectronics AN2299 Datasheet HTML 2Page - STMicroelectronics AN2299 Datasheet HTML 3Page - STMicroelectronics AN2299 Datasheet HTML 4Page - STMicroelectronics AN2299 Datasheet HTML 5Page - STMicroelectronics AN2299 Datasheet HTML 6Page - STMicroelectronics AN2299 Datasheet HTML 7Page - STMicroelectronics AN2299 Datasheet HTML 8Page - STMicroelectronics AN2299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AN2299
Calibration principles and underlying theory
Rev2
5/26
1
Calibration principles and underlying theory
1.1
Measuring principle of a digital energy measurement system
Modern digital energy measuring systems, such as STPM01, are usually constituted by an
analog section with high-resolution Analog/Digital converters (ADCs) and a digital section
with powerful Digital Signal Processors (DSPs) to perform the measurement of power and
energy together with a variety of secondary parameters. The main scheme of such a system
is indicated in Figure 1.
Figure 1.
Principle of a digital power and energy measurement system
The analog section consists of voltage and current paths for each phase, and a common
area with system DC reference voltage and the system time base.
Voltage and current paths include the following blocks:
●
sensors for voltage and current
●
signal conditioning (to optimize signals to match the required input level of the ADC)
●
ADC
Common section consists of the following elements:
●
system DC reference voltage
●
system time base, provided by a quartz crystal oscillator or by an internal RC oscillator
The reference voltages and sample clocks used for the different ADC in the voltage and
current paths are synchronized to these basic quantities.
U’(
ϕ
U’)
I’( )
ϕ
I’
Current path
DS
P
igital
ignal
rocessing
δ
I
Reference
voltage
U
REF
T
ANALOG SECTION
Time
base
Sample
u’
n
Correction
,
εδ
II
Sample
u
n
Sample
i’
n
Correction
εδ
UU
,
Sample
i
n
EEPROM
Correction
εδ ε δ
UU
I
I
,
, ,
f
P
∼
P, Q, S, PF
U, I, f,
∠
U(
ϕ
U)
I( )
ϕ
I
U
DC
∑ ⋅
ui
nn
1
N
P =
n=1
N
u(t)
i(t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com