Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2760 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2760
Description  Using clock distribution circuits in smart phone system design
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2760 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2760 Datasheet HTML 6Page - STMicroelectronics AN2760 Datasheet HTML 7Page - STMicroelectronics AN2760 Datasheet HTML 8Page - STMicroelectronics AN2760 Datasheet HTML 9Page - STMicroelectronics AN2760 Datasheet HTML 10Page - STMicroelectronics AN2760 Datasheet HTML 11Page - STMicroelectronics AN2760 Datasheet HTML 12Page - STMicroelectronics AN2760 Datasheet HTML 13Page - STMicroelectronics AN2760 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Cell phone system design with STCD10x0 clock solution
AN2760
10/14
Figure 5.
Connection of the DC-CUT capacitor and bias
2.4
Connecting STCD10x0 outputs to application modules
The output channels of the STCD10x0 are biased at half of VCC internally by design. 1µF
DC-CUT capacitors are required at each of the outputs in most applications.
2.5
Power-down sequence
If the STCD10x0 shares the same power supply with TCXO (clock source), it is suggested
to power up the TCXO before enabling each of the clock outputs since normally it will take
several milliseconds for the TCXO to stabilize its output.
If the STCD10x0 uses different power supplies with TCXO, it is not recommended to power
down VCC of STCD10x0 since it only consumes standby current which is no more than 1µA
(when no clock output is enabled, the STCD10x0 enters standby mode). If shutdown of the
STCD10x0 is preferred, the following power-down steps must be followed:
1.
Shut down clock source TCXO output
2.
Disable EN pins, pull low
3.
Shut down STCD10x0 power VCC
If the power-down sequence is not strictly followed as above, the user may find the clock
output waveform viewed at the condition of TCXO active with output, VCC of STCD10x0
shutdown, and EN pins active. This possibility is illustrated in Figure 6.
ai13957
STCD1020
STCD1030
STCD1040
VCTCXO
MCLK
OUT
VCC
R1
R2
DC-CUT
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com