Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2760 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2760
Description  Using clock distribution circuits in smart phone system design
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2760 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2760 Datasheet HTML 1Page - STMicroelectronics AN2760 Datasheet HTML 2Page - STMicroelectronics AN2760 Datasheet HTML 3Page - STMicroelectronics AN2760 Datasheet HTML 4Page - STMicroelectronics AN2760 Datasheet HTML 5Page - STMicroelectronics AN2760 Datasheet HTML 6Page - STMicroelectronics AN2760 Datasheet HTML 7Page - STMicroelectronics AN2760 Datasheet HTML 8Page - STMicroelectronics AN2760 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Conventional cell phone clock solutions compared to the STCD10x0 integrated solution AN2760
4/14
1
Conventional cell phone clock solutions compared to
the STCD10x0 integrated solution
1.1
Conventional clock solution - dedicated crystals for
dedicated modules
The easiest design of the clock tree in smart phones is to use dedicated crystals for different
application modules. This is illustrated in Figure 1.
Figure 1.
Conventional clock solution - dedicated crystals
Although the solution in Figure 1 is simple, an obvious drawback is the cost. Normally
WLAN and Bluetooth can accept the master clock in several different frequencies. For
example, 13, 16, 16.8, 19.2, 26, 3.6, 38.4 and 52 MHz are all accepted by WLAN, Bluetooth,
and FM radio. Different modules recommend different master clock frequencies and those
recommended values are not always the same. For example, 19.2 MHz is recommended for
Bluetooth by some chip vendors while 26 MHz is recommended for WLAN. Due to the
design risk and time-to-market, cell phone vendors are not willing to use the same crystal to
serve all application modules although this is possible.
A typical external clock source (typically 10 pF load capability) is always short of fan out
capability if several application modules are directly connected to its output.
1.2
Conventional clock solution - discrete buffer solution
Since the cost of a TCXO (temperature compensated crystal oscillator) is extremely high
and some of the common frequencies can be used for different applications, cell phone
designers have tried to use a discrete buffer solution (with emitter followers) to solve the
insufficient fan out issue. A two-stage discrete buffer is used as shown in Figure 2. The first
stage could solve the problem of the fan out of the clock source (normally TCXO) and also
provide a good isolation of input channel to output channels. The second stage distributes
the master clock to different application modules and also provides good isolation between
different output channels.
TCX
XO
XTAL
WLA
Media
WLAN
Bluetooth
Media
TCXO
XO
XTAL
ai14013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com