Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3060 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics AN3060 Datasheet HTML 12Page - STMicroelectronics AN3060 Datasheet HTML 13Page - STMicroelectronics AN3060 Datasheet HTML 14Page - STMicroelectronics AN3060 Datasheet HTML 15Page - STMicroelectronics AN3060 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Oscillator fail detect
AN3060
12/23
Doc ID 16253 Rev 2
5
Oscillator fail detect
5.1
What is the OF bit? How does it work?
OF is the oscillator fail bit, and is set whenever the real-time clock detects approximately 4 to
6 consecutive missing pulses in the 4 KHz tap of the divider chain.
Figure 7.
Oscillator fail detect circuit
An RC circuit is used as an integrator. The 4 KHz pulses keep it discharged, and it slowly
charges between pulses. If sufficient pulses are missing, it charges high enough to trip the
comparator and set the OF bit. In the figure above, at low operating voltages, the time
constant will be shorter since the threshold voltage will be lower. Thus, fewer missing
pulses may be required to trigger the OF bit.
The basic mission of the OF function is to indicate when the oscillator has slowed or
stopped as might occur in capacitor backed applications or when the backup battery is
failing. When the backup voltage falls low enough, the part may stop keeping time, but the
registers will not necessarily become reset; the voltage may not drop low enough to
completely reset the part. Subsequently, after power-up, the oscillator will begin running
and, by merely reading the registers, it will not be clear that the timekeeping function had
become halted. The OF bit overcomes this. It provides a way for the system software to
monitor the timekeeping function and know when to advise the end user that the time may
need to be adjusted.
At first power-up, or anytime the oscillator has been turned off via the stop bit, the RC circuit
will be charged, and the OF bit will be set. The user should allow the oscillator to run for four
seconds prior to clearing the OF bit. This is done not only to discharge the RC circuit but to
ensure the oscillator has stabilized.
4KHz
VCC
SET
Q
OF
TIME CONSTANT
OSCILLATOR FAIL DETECT CIRCUIT
SET TO 4-6 PULSES
CRYSTAL
OSC
TFF
(÷ 2)
TFF
(÷ 2)
TFF
(÷ 2)
AM04725v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com