Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3060 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 15Page - STMicroelectronics AN3060 Datasheet HTML 16Page - STMicroelectronics AN3060 Datasheet HTML 17Page - STMicroelectronics AN3060 Datasheet HTML 18Page - STMicroelectronics AN3060 Datasheet HTML 19Page - STMicroelectronics AN3060 Datasheet HTML 20Page - STMicroelectronics AN3060 Datasheet HTML 21Page - STMicroelectronics AN3060 Datasheet HTML 22Page - STMicroelectronics AN3060 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN3060
RTC initialization
Doc ID 16253 Rev 2
19/23
First power-up
Since most of the peripheral and alarm functions are not enabled at power-up, there is little
urgency to initialize the part. The only item which might require immediate attention is the
squarewave function which powers-up running. Some applications may prefer to disable
this, or change its frequency.
The next thing the user should do is to write the HT bit to 0, then set the time and date. (For
other RTCs, at this point in the flow, if the ST bit is 1, it should be cleared to 0.)
If the application will be calibrated, this should be the next step.
Then the OF bit should be cleared (written to 0). Since power-up - since oscillator startup -
four seconds must have elapsed before this step is done. If calibration was performed, then
the time required to do that can be subtracted from the four seconds, and if calibration took
longer than that, then no additional waiting is required. The software should verify that the
OF bit remained cleared before progressing to the next step.
The next few items are optional. If the watchdog will be used, it can be started now,
assuming the software will soon get to the operational code which updates the watchdog.
Otherwise, the software should wait until the top of its main routine to start the watchdog.
If the timer or alarms will be used, the user might set them here, or again wait until the top of
the main routine. That will prevent any of these functions from timing out (interrupting) while
the processor is still running its initialization routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com