Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3956 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3956 Datasheet HTML 1Page - STMicroelectronics AN3956 Datasheet HTML 2Page - STMicroelectronics AN3956 Datasheet HTML 3Page - STMicroelectronics AN3956 Datasheet HTML 4Page - STMicroelectronics AN3956 Datasheet HTML 5Page - STMicroelectronics AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2012
Doc ID 022034 Rev 1
1/14
AN3956
Application note
5 W + 5 W dual BTL class-D audio amplifier demonstration board
based on the TDA7491LP
Introduction
The STEVAL-CCA029V1 is a demonstration board designed for the TDA7491LP dual BTL
class-D audio amplifier. This application note provides the board specifications and a quick-
start list for standalone operation. Also included are the schematic, printed circuit board
layout and bill of material.
Due to its high efficiency, the device assembled in the PSSO36 (slug-down) package is
capable of dissipating heat without any heatsink. Jumpers on the board allow the
configuration of the amplifier in order to verify all the features as single-ended or differential
inputs, fixed gain settings. Microswitches are also provided to enable the standby and mute
functions.
The main features of the TDA7491LP include:
■ 5 W +5 W continuous output power at THD =10%, RL = 8 Ω, VCC = 9 V
■ 5 W +5 W continuous output power at THD = 10%, RL = 4 Ω, VCC =6.5V
■ Wide-range, single-supply operation (5 V - 14 V)
■ High efficiency (
η = 90%)
■ Four selectable, fixed gain settings (20 dB, 26 dB, 30 dB and 32 dB)
■ Differential inputs to minimize common-mode noise
■ Filterless operation
■ Standby and mute features
■ Short-circuit and thermal overload protections
■ Externally synchronizable
Figure 1.
STEVAL-CCA029V1
www.st.com


Similar Part No. - AN3956

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN3956 FREESCALE-AN3956 Datasheet
397Kb / 20P
DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
More results

Similar Description - AN3956

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
AN4123 STMICROELECTRONICS-AN4123 Datasheet
995Kb / 17P
The STEVAL-ISV015V1 is a demonstration board mounting
21-Mar-2013
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
13-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com