Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3956 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics AN3956 Datasheet HTML 10Page - STMicroelectronics AN3956 Datasheet HTML 11Page - STMicroelectronics AN3956 Datasheet HTML 12Page - STMicroelectronics AN3956 Datasheet HTML 13Page - STMicroelectronics AN3956 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PCB layout
AN3956
10/14
Doc ID 022034 Rev 1
2.2.3
Layout recommendations
The following figures illustrate layout recommendations.
Solder 100 nF bypass capacitors (X7R) as close as possible to the IC VCC pins
(recommended distance to be within 3 mm) in order to avoid spikes generated by the stray
inductance caused by the copper supply lines.
Figure 10.
Capacitors soldered as close as possible to VCC pins
Solder the snubber networks as close as possible to the IC related pin.
A voltage spike dangerous for device operation could occur if the snubber network is far
from the output pins. It is recommended that the distance between the snubber network and
the output pins be within 5 mm.
Figure 11.
Snubber networks soldered as close as possible to relevant IC pin
GroundpinandVCC pin of
100nFcapacitorshouldbe
directly connectedto the
IC relatedpin
Snubbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com