Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4015
Description  Dual-BTL class-D audio amplifier demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4015 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4015 Datasheet HTML 1Page - STMicroelectronics AN4015 Datasheet HTML 2Page - STMicroelectronics AN4015 Datasheet HTML 3Page - STMicroelectronics AN4015 Datasheet HTML 4Page - STMicroelectronics AN4015 Datasheet HTML 5Page - STMicroelectronics AN4015 Datasheet HTML 6Page - STMicroelectronics AN4015 Datasheet HTML 7Page - STMicroelectronics AN4015 Datasheet HTML 8Page - STMicroelectronics AN4015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
January 2012
Doc ID 022507 Rev 1
1/22
AN4015
Application note
Dual-BTL class-D audio amplifier demonstration board
based on the TDA7498E
Introduction
The purpose of this application note is to describe:
■ how to connect the TDA7498 demonstration board
■ how to evaluate the performance of the demonstration board using the electrical curves
■ how to avoid critical issues in the PCB schematic and layout of the TDA7498E
The TDA7498E represents a new generation of analog input class-D devices from
STMicroelectronics and is housed in a PSSO36 package. It is able to deliver 160 W +160 W
in stereo configuration with VCC = 36 V and a 4 Ω load
(a).
Figure 1.
TDA7498E demonstration board
a.
All of the results and graphs included in this document are measured using Audio Precision equipment.
www.st.com


Similar Part No. - AN4015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN4010 MA-COM-AN4010 Datasheet
49Kb / 2P
Post-Processing Color Change of Rogers RO4000
logo
STMicroelectronics
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
AN4016 STMICROELECTRONICS-AN4016 Datasheet
986Kb / 17P
2 kW PPA for ISM applications
23-Dec-2011
AN4018 STMICROELECTRONICS-AN4018 Datasheet
840Kb / 23P
Data link communication protocol for the ST7580 power line
29-Mar-2013
More results

Similar Description - AN4015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
Class-D Audio Power Amplifier BTL 2W횞1ch
logo
STMicroelectronics
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
25-Oct-2012
CCA043V1 STMICROELECTRONICS-CCA043V1 Datasheet
103Kb / 5P
25 Watt mono BTL class-D audio amplifier demonstration board based on the TDA7491MV
25-Oct-2012
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
31-Jan-2013
logo
ON Semiconductor
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
STMicroelectronics
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
12-Sep-2011
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com