Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4184 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4184
Description  This application note briefly describes the microphone coupon boards
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4184 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4184 Datasheet HTML 1Page - STMicroelectronics AN4184 Datasheet HTML 2Page - STMicroelectronics AN4184 Datasheet HTML 3Page - STMicroelectronics AN4184 Datasheet HTML 4Page - STMicroelectronics AN4184 Datasheet HTML 5Page - STMicroelectronics AN4184 Datasheet HTML 6Page - STMicroelectronics AN4184 Datasheet HTML 7Page - STMicroelectronics AN4184 Datasheet HTML 8Page - STMicroelectronics AN4184 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Microphone measurements
AN4184
4/19
DocID023777 Rev 2
2
Microphone measurements
One of the benefits of using the combination of these two kits STEVAL-MKI126 and
STEVAL-MKI129 or STEVA-MKI155 is the measurement of the different models of the
microphone. In this section a brief description of the microphone evaluation will be given.
The equipment used to measure the main parameters of a microphone is listed as follows:
Interface boards APWlink or ST audio hub (STEVAL-CCA035V1 or STEVAL-MKI138Vx
respectively)
STSmartVoice board (STEVAL-MKI126Vx)
Coupon board of the MP34DT01 (STEVAL-MKI129V3)
Reference microphone (G.R.A.S. Type 46AE)
Generic loudspeaker
Audio precision (Model 2722)
Figure 3. Test setup
The test is done by performing a synchronous acquisition of a couple of microphones, the
first is the reference calibrated microphone, the second is the device under test (DUT). The
two microphones are placed face-to-face to minimize the sound pressure differences
between the membranes of the two devices.
The reference microphone is used, exploiting the known parameters, to find the reference in
the acoustic domain. Once the sound pressure level near the membranes of the
microphones has been set to 1 PA, then by performing a reading of the DUT amplitude, the
sensitivity is found. The reference microphone is also used to measure the DUT frequency
response through a comparison between their sensitivities across the audio band. Since the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com