Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4227 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4227
Description  Audio hub demonstration kit supporting the MP45DT02
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4227 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4227 Datasheet HTML 2Page - STMicroelectronics AN4227 Datasheet HTML 3Page - STMicroelectronics AN4227 Datasheet HTML 4Page - STMicroelectronics AN4227 Datasheet HTML 5Page - STMicroelectronics AN4227 Datasheet HTML 6Page - STMicroelectronics AN4227 Datasheet HTML 7Page - STMicroelectronics AN4227 Datasheet HTML 8Page - STMicroelectronics AN4227 Datasheet HTML 9Page - STMicroelectronics AN4227 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Software description (getting started with APWorkbench)
AN4227
6/13
DocID024106 Rev 1
2
Software description (getting started with
APWorkbench)
The firmware of the ST audio hub supports two different audio frameworks. In the first case
the board can be used as the interface for the STSmartVoice, allowing the I2C programming
and the decoding of the I2S coming from the daughterboard. When the board is used for this
purpose, it will be recognized as "STAudioHub interface"(a). The other possibility is the use
of the board essentially as a PDM decoder that allows the couple of microphones on the
board to be interfaced directly to the PC via the USB in which case the board will be
recognized by the operative system as "STM32 Capture PDM mode".
The APWorkbench tool allows choosing one of these modes by following these simple
steps:
1.
Run the tool
2.
Click on the "MEMS Microphones Demo Kit" button
3.
Select the mode in the "Microphone Kit selection" box
4.
Click on the "Run Selected Application…" button
2.1
STSmartVoice interface
If the user wants to operate the board as the STSmartVoice interface, the corresponding
mode must be selected as shown in Figure 4.
Figure 4. APWorkbench launch wizard (STSmartVoice demonstration kit)
a. APWorkbench is compatible with Windows XP, Windows Vista and Windows 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com