Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4227 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4227
Description  Audio hub demonstration kit supporting the MP45DT02
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4227 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4227 Datasheet HTML 1Page - STMicroelectronics AN4227 Datasheet HTML 2Page - STMicroelectronics AN4227 Datasheet HTML 3Page - STMicroelectronics AN4227 Datasheet HTML 4Page - STMicroelectronics AN4227 Datasheet HTML 5Page - STMicroelectronics AN4227 Datasheet HTML 6Page - STMicroelectronics AN4227 Datasheet HTML 7Page - STMicroelectronics AN4227 Datasheet HTML 8Page - STMicroelectronics AN4227 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2013
DocID024106 Rev 1
1/13
AN4227
Application note
Audio hub demonstration kit supporting the MP45DT02,
MP34DB01, and MP34DT01 microphones
Introduction
This document provides a brief description of the audio hub demonstration board STEVAL-
MKI138V1 available from www.st.com along with simple steps to use the board with the
APWorkbench software tool.
The purpose of this board is twofold:
1.
It can be used as an STSmartVoice interface. In combination with this board
(STEVAL-MKI126Vx), it manages the signal coming from the onboard microphones.
The STSmartVoice board hosts up to six microphones and the STA321MPL
microphone processor converts the PDM signals from them into the common I2S audio
format. (For additional details, please refer to AN4146 “STSmartVoice demonstration
board STEVAL-MKI126Vx” available from www.st.com). Basically the audio hub, using
the STM32F107RC microcontroller, is able to program the STA321MPL device via the
I2C and decodes the I2S into a USB stream in order for the PC to manage the sound
captured by the microphones. Multiple features for using the microphones on the
STSmartVoice demonstration board are listed and accessible thanks to the
APWorkbench software tool.
2.
It can be used as a USB sound card. As shown in Figure 1, the audio hub board hosts
either the MP45DT02 or MP34DT01 (top-port digital microphones) and the MP34DB01
which is a bottom-port digital microphone. The board is able to host both types of
microphones as shown below. The task of the STM32 microcontroller is to decode the
PDM signals coming from the microphones and stream the audio via the USB.
Figure 1. STEVAL-MKI138V1
Entire board (top and bottom views)
Microphone section (zoom)
MP45DT02
MP34DT01
MP34DB01
www.st.com


Similar Part No. - AN4227

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4221 STMICROELECTRONICS-AN4221 Datasheet
663Kb / 51P
I2C protocol used in the STM32 bootloader
02-May-2014
AN4228 STMICROELECTRONICS-AN4228 Datasheet
841Kb / 90P
Migrating from STM32F1 to STM32F3 microcontrollers
05-Mar-2015
AN4229 STMICROELECTRONICS-AN4229 Datasheet
472Kb / 26P
How to implement a vocoder solution using STM32 microcontrollers
27-May-2014
More results

Similar Description - AN4227

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
Performance Demonstration Kit for the ADS130E08
logo
STMicroelectronics
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
Poly-phase demonstration kit with the STPMC1 and STPMS2
06-Nov-2012
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
Demonstration kit for the ST7570 power line modem
04-Nov-2011
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
Demonstration kit for the CR95HF 13.56 MHz transceiver IC
10-Sep-2012
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
DK3400 demonstration kit
03-Nov-2010
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com