Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4240 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4240
Description  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 22Page - STMicroelectronics AN4240 Datasheet HTML 23Page - STMicroelectronics AN4240 Datasheet HTML 24Page - STMicroelectronics AN4240 Datasheet HTML 25Page - STMicroelectronics AN4240 Datasheet HTML 26Page - STMicroelectronics AN4240 Datasheet HTML 27Page - STMicroelectronics AN4240 Datasheet HTML 28Page - STMicroelectronics AN4240 Datasheet HTML 29Page - STMicroelectronics AN4240 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Doc ID024209 Rev 2
27/30
AN4240
How to generate the M1-M5 parameters
– CID = counter value (28 bit)
•
M5 = CMAC,K4(M4)
(128 bit size)
– A CMAC is performed over using key K4 over M4
Note:
If a key has it is Write Protect (WP) attribute set, the key cannot ever be updated or erased.
See Table 3. Key Attributes. Write Protection should only be used when the user is
absolutely certain that the key is never changed or erased. Setting Write Protection on any
single key means that the part cannot be reset to its factory state using the DEBUG
CHALLENGE/AUTHORIZATION sequence.
In order to generate M1-M5 parameters some precompiled executable files have been
used.
The following sources were downloaded from www.hoozi.com and modified. Original author
is Niyaz PK.
AES_ENC_CBC_CMD.c
AES_ENC_ECB_CMD.c
AES_MP_KDF_CMD.c
The following sources was based on an original program by Junhyuk Son and Jicheol Lee:
AES_CMAC_CMD.c
A.2
Cryptographic keys used
For the demo code, a set of pre-calculated keys and values are used which are shown in
Table 5. These values found in some of the header files provided with the examples. To use
user-defined keys, the user needs to use offline scripts to calculate the necessary values.
Table 5. Examples of Keys used for the project
Slot name
Key ID
[hex]
Address offset
[hex]
Key flags
[bin]
128-bit key word 0 word 1word 2 word 3
BOOT_MAC
_
KEY
0x2
0x060
00011
12340000 00000000 00000000 00005678
KEY_1
0x4
0x0A0
00001
2FF8B03C 5C540546 5A9C94BD 2D863279
KEY_2
0x5
0x0C0
00001
85852FF8 E7860C89 B3AB9D63 B8D6288F
KEY_3
0x6
0x0E0
01001
A36FF144 FB6D5E2C DA0D2894 DA0D2894
KEY_4
0x7
0x100
00101
86078C1A BCDCC6B6 C52C851D
E5652BF5
KEY_5
0x8
0x120
00011
043A1A50 DB3954D2 22FEB37F 1F678FCA
KEY_6
0x9
0x140
00001
4B957750 4B957750 6F75C3E0 5C8DCD59
KEY_7
0xA
0x160
00011
2B7E1516 28AED2A6 ABF71588 09CF4F3C
KEY_8
0xB
0x180
00111
10AF4B5B 024195B9 1730D7F5 94C87E19
KEY_9
0xC
0x1A0
00001
93346F4C 6A8ABCCD 37D52249 291F4138
KEY_10
0xD
0x1C0
01011
68B674CB 8198A250 3A285100 F4DDC40A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com