Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0014 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics PM0014 Datasheet HTML 24Page - STMicroelectronics PM0014 Datasheet HTML 25Page - STMicroelectronics PM0014 Datasheet HTML 26Page - STMicroelectronics PM0014 Datasheet HTML 27Page - STMicroelectronics PM0014 Datasheet HTML 28Page - STMicroelectronics PM0014 Datasheet HTML 29Page - STMicroelectronics PM0014 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Arithmetic library functions
PM0014
26/46
5.5.2
div_q63_q31_q31
div_q63_q31_q31 (short LeftOpMsb, short LeftOp2b, short LeftOp3b,
short LeftOpLsb,short RightOpMsb, short RightOpLsb, long *Output)
Description:
Division of two real fractional inputs. Dividend is on 64 bits, divisor
on 32 bits and quotient on 32 bits.
Argument:
LeftOpMsb
Left operand most significant bits high.
LeftOp2b
Left operand most significant bits low.
LeftOp3b
Left operand least significant bits high.
LeftOpLsb
Left operand least significant bits low.
RightOpMsb
Right operand most significant bits.
RightOpLsb
Right operand least significant bits.
Output
Output pointer.
Algorithm:
LeftOp / RightOp = Output
Note:
The dividend must be smaller than the divisor for a valid result.
Divisions on limits (for example, division of 1 by 1 or of -1 by -1) are
not made by this routine.
The algorithm implemented does not allow integer division. For
dividing two integers (dividend in 64.0 format and divisor in 32.0),
shift the dividend one bit to the left (into 63.1 format) before
dividing.
Assembly source
code:
div_q63_q31_q31.asm
Code size and cycles: Size: 204 bytes
Instruction cycles: 892
Test:
Two files are provided to test the function: an input vector file
(div_q63_q31_q31.in) and an output vector file
(div_q63_q31_q31.res):
div_q63_q31_q31.in is made as follows:
LeftOpMsb1, LeftOp2b1, LeftOp3b1, LeftOpLsb1,
RightOpMsb1, RightOpLsb1
...
div_q63_q31_q31.res is made as follows:
Output1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com