Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0014 Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics PM0014 Datasheet HTML 40Page - STMicroelectronics PM0014 Datasheet HTML 41Page - STMicroelectronics PM0014 Datasheet HTML 42Page - STMicroelectronics PM0014 Datasheet HTML 43Page - STMicroelectronics PM0014 Datasheet HTML 44Page - STMicroelectronics PM0014 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
PM0014
Signal processing library functions
41/46
6.4
Infinite impulse response filter
6.4.1
iir2_q15_q15_q15
iir2_q15_q15_q15 (struct Filter *IirPtr).
Description:
Real IIR filter of 16-bit fractional inputs, coefficients and outputs.
The filter implemented is a direct form II.
Argument:
IirPtr
Filter pointer.
Algorithm:
w(n) = x(n) +
a(k) * w(n - k)
Notes:
The w(i) are the filter internal states and are saved in the delay line
during computation.
The delay line must be stored in DPRAM. Before the first call to the
function, the delay line must be initialized to 0. The length of the
delay line must be equal to the number of b(i) coefficients. As the
number of b(i) coefficients is supposed to be equal to the number of
a(i) coefficients, the length of the delay line is equal to
IirNumberCoeffs/2.
Library users must care about the a(i) coefficients. If their modulus
are too great, the filter internal states w(i) can saturate. The output
samples are in this condition false.
The coefficient a0 must be initialized to 0.
There is a saturation to 1 (respectively -1) if the computed output
sample is greater than 1 (respectively lower than -1).
Example of the use for iir2_q15_q15_q15:
#define IirNumberCoeffs NumberOfCoefficients
#define NbOutput NumberOfOutput
iram short Delayline[IirNumberCoeffs/2];
iram short Coeff[IirNumberCoeffs];
void main()
{
// Data definition
short Input[NbOutput];
short Out[NbOutput];
// Here should be the coef[] and input[] initialization.
See the Test part...
// Declare a filter structure
struct Filter Filt;
//Filter initialisation
Filt.NumberCoeffs = IirNumberCoeffs;
Filt.NumberOutputSamples = NbOutput;
Filt.CoeffPtr = Coeff;
Filt.InputPtr = Input;
Filt.OutputPtr = Out;
Filt.DelayLinePtr = Delayline;
//Filter processing
iir2_q15_q15_q15(&Filt);
}
k1
=
IirNumberCoeff
2
----------------------------------------------
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com