Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0108 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 5Page - STMicroelectronics TN0108 Datasheet HTML 6Page - STMicroelectronics TN0108 Datasheet HTML 7Page - STMicroelectronics TN0108 Datasheet HTML 8Page - STMicroelectronics TN0108 Datasheet HTML 9Page - STMicroelectronics TN0108 Datasheet HTML 10Page - STMicroelectronics TN0108 Datasheet HTML 11Page - STMicroelectronics TN0108 Datasheet HTML 12Page - STMicroelectronics TN0108 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TN0108
Pin configuration
Doc ID 15874 Rev 2
9/26
Note that not all of these pads are available in all packages! Consult the device reference
manual for details. This gives a total of 40 medium speed pads in the 144 QPF package and
25 medium speed pads in the 100 QFP package.
Customers must be careful of the number of pads that are switched together with the
resulting increase in current. The sum of the current on each pad segment must not exceed
the maximum current, as defined in the device datasheet.
3.3
Input/output state during and after reset
On Cut 1 devices, the input/output pins are set to high impedance (tri stated) during reset.
Once reset has been released, the input/output pins are set to input with weak pull-ups
enabled.
On Cut 2 devices, the input/output are set to high impedance during reset and remain in this
state, once the reset has been released.
The following pins are critical to boot operation and are not in high impedance state during
reset:
●
PA[9] (FAB) is pull-down. Without external strong pull-up the device starts fetching from
Flash
●
PA[8] (ABS) is pull-up
●
RESET pad is driven low. This is pull-up only after PHASE2 reset completion
●
JTAG pads (TCK, TMS, and TDI) are pull-up, whilst TDO remains tri state
●
Nexus output pads (MDO[n], MCKO, EVTO, MSEO) are forced to output
3.4
GPIO pin configuration in standby mode
On Cut 2 devices, if GPIO pull-ups are active on standby entry, the pull-up will remain active
on standby exit, until such a point as the pull-up is cleared by software.
Table 6.
I/O state during and after reset
Silicon revision
Input/output pins during
reset
Input/output pins after reset
SPC560B Cut 1.1
High impedance
Input, weak pull-up
SPC560B Cut 2
High impedance
High Impedance except JTAG and ABS that
are input, weak pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com