Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0108 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TN0108
Description  Migration differences between SPC560B4x/50
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0108 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TN0108 Datasheet HTML 18Page - STMicroelectronics TN0108 Datasheet HTML 19Page - STMicroelectronics TN0108 Datasheet HTML 20Page - STMicroelectronics TN0108 Datasheet HTML 21Page - STMicroelectronics TN0108 Datasheet HTML 22Page - STMicroelectronics TN0108 Datasheet HTML 23Page - STMicroelectronics TN0108 Datasheet HTML 24Page - STMicroelectronics TN0108 Datasheet HTML 25Page - STMicroelectronics TN0108 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TN0108
Power, low power, and wakeup
Doc ID 15874 Rev 2
23/26
9
Power, low power, and wakeup
9.1
API/RTC wakeup source
On Cut 1 devices, the RTC and API shared the same wakeup source.
On Cut 2 devices, the API is wakeup source zero and the RTC is wakeup source one.
9.2
Halt mode defect fixed
Cut 1 devices have a problem entering Halt mode due to synchronization problem. This has
been fixed on Cut 2 devices.
9.3
Standby mode exit Flash control
The DFlash and CFlash can be independently controlled to be enabled on exit from standby
mode (entry into DRUN mode). The mechanism for this is different between Cut 1.1 and
Cut 2 devices.
On Cut 1.1, the DFlash and CFlash enable out of standby are controlled via the
DRUN_DFLA and DRUN_CFLA bits in the RGM_STDY register.
On Cut 2, the DFlash and CFlash DRUN entry state after Standby mode are controlled via
the DFLAON and CFLAON bits in the ME_DRUN_MC register.
9.4
Voltage regulator power up current clamping
On Cut 1.1 devices, there is a potential issue when exiting standby mode, whereby the
voltage regulator can draw a large current spike. This current draw was not regulated and
required sizeable bulk storage capacitors on the customer board to prevent the voltage
dipping with potential reset consequences.
Table 24.
Wakeup sources
Silicon revision
Source zero
Source one
SPC560B Cut 1.1
Shared API/RTC
PA0(1)
1.
Note that the Cut 1.1 wakeup source one, PA0, has been replaced by the RTC on Cut 2 devices. PA0
wakeup has been moved to the end of the wakeup table. All other wakeup sources remain the same
between revisions. If you were using the API, RTC, or PA0 wakeup sources, then you need to ensure that
Cut 2 device code takes account of these changes. Consult the device reference manual for the full
wakeup source list.
SPC560B Cut 2
API
RTC
Table 25.
Standby mode exit Flash control
Silicon revision
Enable DFLASH
Enable CFLASH
SPC560B Cut 1.1
DRUN_DFLA bit in RGM_STDY
register
DRUN_CFLA bit in RGM_STDY
register
SPC560B Cut 2
DFLAON bit in ME_DRUN_MC
register
CFLAON bit in ME_DRUN_MC
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com