Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0147 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN0147
Description  SPC56xB/C/Dxx family overview
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0147 Datasheet(HTML) 3 Page - STMicroelectronics

  TN0147 Datasheet HTML 1Page - STMicroelectronics TN0147 Datasheet HTML 2Page - STMicroelectronics TN0147 Datasheet HTML 3Page - STMicroelectronics TN0147 Datasheet HTML 4Page - STMicroelectronics TN0147 Datasheet HTML 5Page - STMicroelectronics TN0147 Datasheet HTML 6Page - STMicroelectronics TN0147 Datasheet HTML 7Page - STMicroelectronics TN0147 Datasheet HTML 8Page - STMicroelectronics TN0147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
Overview of differences
Table 1. Overview of differences per module
Module
name
Sub-modules
SPC560D40
module
SPC560B50
module
SPC560B64
module
SPC56EC74
module
Comment
Packages
LQFP64, 80, 100 80 pin
available on specific
demand only
LQFP100, 144
LQFP100, 144, 176
LQFP176, LQFP208, BGA256
BGA208
available for
emulation
purposes for
entire family
(based on
SPC560B50
or
SPC560B64
silicons)
BGA256
available for
emulation with
full data trace
capability on
SPC56EC74
Signal
Description
All signals are compatible but:
– Some packages have additional muxing options
– SPC56EC74 voltage regulator scheme requires a pin to be connected to the base of a transistor for ballast purpose. SPC560B64 uses the
same pin in a different way (optional)
– On some packages PB11 and PD12 are used for ADC reference
– For SPC56EC74, and for LQFP176, PI9 and PI10 can be bonded as VSS_LV and VDD_LV (standard offering)
Clock and
Oscillators
32KHz Xosc
4-16MHz Xosc
16MHz IRC
128kHz IRC
Bus clock
NO
YES
YES
YES
48MHz
YES
YES
YES
YES
64MHz
YES
YES
YES
YES
64MHz
YES
YES (4 to 40MHz)
YES
YES
120MHz+2%
Peripheral
set groupings
set 1
LINFlex[0..2]
LINFlex[0..3], IIC
LINFlex[0..9], IIC
LINFlex[0..9], IIC
set 2
FlexCAN0, SPI[0..1]
FlexCAN[0..5], SPI[0..2] FlexCAN[0..5], SPI[0..5]
FlexCAN[0..5], SPI[0..7]
set 3
ADC1, CTU, eMIOS0
ADC0, CTU,
eMIOS[0..1]
ADC[0..1], CTU,
eMIOS[0..1]
ADC[0..1], CTU, eMIOS[0..1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com