Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0147 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN0147
Description  SPC56xB/C/Dxx family overview
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0147 Datasheet(HTML) 4 Page - STMicroelectronics

  TN0147 Datasheet HTML 1Page - STMicroelectronics TN0147 Datasheet HTML 2Page - STMicroelectronics TN0147 Datasheet HTML 3Page - STMicroelectronics TN0147 Datasheet HTML 4Page - STMicroelectronics TN0147 Datasheet HTML 5Page - STMicroelectronics TN0147 Datasheet HTML 6Page - STMicroelectronics TN0147 Datasheet HTML 7Page - STMicroelectronics TN0147 Datasheet HTML 8Page - STMicroelectronics TN0147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Peripheral
set max clock
set 1
set 2
set 3
48MHz
48MHz
48MHz
64MHz
64MHz
64MHz
64MHz
64MHz
64MHz
32MHz
64MHz
64MHz
Supply
The Vdd_BV pin also supports an external ballast resistor on the SPC560B64 and SPC560D40
SPC56EC74 requires an external NPN transistor
Power
Domains
PD0 (always on) 16kB RAM
8kB RAM
or 32kB RAM
8kB RAM
or 32kB RAM
8kB RAM
or 32kB RAM,
or 96kB RAM
All device
family
members
have the two
power
domains, with
the user
option to
disable the
main power
domain.
PD1 (main)
Core + peripherals
Remaining RAM + Core
+ peripherals
Remaining RAM + Core +
peripherals
Remaining RAM + Core +
peripherals
MC_RGM
(Reset
Generation
Module)
LVD12 (PD0)
LVD12 (PD1)
LVD27
SWT
POR
LVD45
JTAG
Core Z0
Core Z4
Software
Checkstop
FMPLL
FXOSC fail
CMU
Flash error
External reset
MBIST
Destructive
Destructive
Destructive
Destructive
Destructive
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Destructive
Destructive
Destructive
Destructive
Destructive
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Destructive
Destructive
Destructive
Destructive
Destructive
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Destructive
Destructive
Destructive
Destructive
Destructive
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Functional
Table 1. Overview of differences per module (continued)
Module
name
Sub-modules
SPC560D40
module
SPC560B50
module
SPC560B64
module
SPC56EC74
module
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com