Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0156 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0156
Description  SDK-ST10F269 Quick Start Software Development Kit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0156 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0156 Datasheet HTML 1Page - STMicroelectronics UM0156 Datasheet HTML 2Page - STMicroelectronics UM0156 Datasheet HTML 3Page - STMicroelectronics UM0156 Datasheet HTML 4Page - STMicroelectronics UM0156 Datasheet HTML 5Page - STMicroelectronics UM0156 Datasheet HTML 6Page - STMicroelectronics UM0156 Datasheet HTML 7Page - STMicroelectronics UM0156 Datasheet HTML 8Page - STMicroelectronics UM0156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
UM0156 - USER MANUAL
4/35
List of Figures
Figure 1.
SDK-ST10F269 Development Board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
SYSCON Register Bits Used to Manage the Internal Memory . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
SDK-ST10F269 Development Board Layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
ST10F269 Connections, Top View . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
ST10F269 Block Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
SDK-ST10F269 External Motor Control with Embedded Modular Connectors . . . . . . . . . 13
Figure 7.
Power Board Connector and Related Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
RS232 DB9 Connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 9.
CAN Connector, 9-pin DSUB Type. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
SW4 (User Switch) Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
SW5 (User Switch) Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
SDK-ST10F269 Board Schematic, page 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 13.
SDK-ST10F269 Board Schematic, page 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
SDK-ST10F269 Board Schematic, page 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 15.
SDK-ST10F269 Board Schematic, page 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 16.
Single Motor Power Board with the L6235 (up to 150W) . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 17.
Dual Motor Power Board with the L6205 (up to 300W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com