Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17072 Datasheet(PDF) 91 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 91 Page - NEC

Back Button UPD17072 Datasheet HTML 87Page - NEC UPD17072 Datasheet HTML 88Page - NEC UPD17072 Datasheet HTML 89Page - NEC UPD17072 Datasheet HTML 90Page - NEC UPD17072 Datasheet HTML 91Page - NEC UPD17072 Datasheet HTML 92Page - NEC UPD17072 Datasheet HTML 93Page - NEC UPD17072 Datasheet HTML 94Page - NEC UPD17072 Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 226 page
background image
µPD17072,17073
91
12.3 Basic Timer 1
12.3.1 General
Figure 12-7 outlines the basic timer 1.
The basic timer 1 issues an interrupt request at fixed time interval and sets the IRQBTM1 flag to 1.
The time interval of the IRQBTM1 flag is set by the BTM1CK flag of the interrupt edge select register. Figure 12-
8 shows the configuration and function of the interrupt edge select register.
The interrupt generated by the basic timer 1 is accepted when the IRQBTM1 flag is set, if the EI instruction has
been issued and the IPBTM1 flag has been set (refer to 11. INTERRUPT).
Figure 12-7. Outline of Basic Timer 1
Remark
BTM1CK (bit 1 of interrupt edge select register. Refer to Figure 12-8) set the time interval at which the
IRQBTM1 flag is set.
Selector
Divider
BTM1CK flag
Internal signal
75 kHz
(fixed)
IRQBTM1 set signal
32 ms (31.25 Hz)
8 ms (125 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com