Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1301 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN1301 APPLICATION NOTE
3/8
of the board. The signal ground plane may be combined with chassis ground or isolated from it. If the ground
planes are combined, an isolation area is not required. When laying out ground planes, special care must be
taken to avoid creating loop antenna effect. Some guidelines are as follows-
n
Run all ground plane as solid square or rectangular regions
n
Avoid creating loops with ground planes around other planes
3.4 Recommendations
The following recommendations apply to design and layout of the power and ground planes and will prevent the
most common signal and noise issues.
n
Divide the Vcc plane into two sections - analog and digital. The break between the planes should run
under the device.
n
When dividing the Vcc plane, it is not necessary to add extra layers to the board. Simply crate moats or
cutout regions in existing layers.
n
Place a high-frequency bypass cap (0.1uF) near each analog Vcc pin
n
Join the digital and analog sections at one or more points by ferric beads. Ensure that the maximum
current rating of the bead is at least 150% of the nominal current that is expected to flow through it.
(250mA per STE100P)
n
Place a bulk capacitor (22uF) on each side of each ferrite bead to stop switching noise from travelling
through the ferrite.
For designs with multiple STE100P’s, it is acceptable to supply all from one analog Vcc plane. This plane can
be joined to the digital Vcc plane at multiple points, with a ferrite bead at each one.
4.0 TWISTED PAIR INTERFACE
4.1 Transmit Interface Circuitry
Figure 2 shows a typical transmit interface circuitry. Current is sourced by the AVddt output to the centertap of
the primary side of the winding. Current flows from the centertap to TX+ and TX-. Other components are as fol-
lows:
n
R1 and R2 are 49.9 ohm resistors that provide impedance matching to the line, which has a nominal
impedance of 100 ohm.
n
C1 shunts any common-mode energy present in the output to ground.
n
The magnetics consists of the main winding and a common-mode choke.
n
The common-mode choke stops common mode energy from reaching the line. It works together with
capacitor C1 to direct common-mode energy away from the line.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com