Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1301 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1301
Description  SINGLE PORT FAST ETHERNET TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1301 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1301 Datasheet HTML 1Page - STMicroelectronics AN1301 Datasheet HTML 2Page - STMicroelectronics AN1301 Datasheet HTML 3Page - STMicroelectronics AN1301 Datasheet HTML 4Page - STMicroelectronics AN1301 Datasheet HTML 5Page - STMicroelectronics AN1301 Datasheet HTML 6Page - STMicroelectronics AN1301 Datasheet HTML 7Page - STMicroelectronics AN1301 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
AN1301 APPLICATION NOTE
Figure 2. Transmit Interface Circuitry
4.2 Receive Termination Circuitry
The receive termination circuit as shown in Figure 3 is a simple 100 ohm, 1% resistor across the RX+/
RX- pair. The receive circuit consists of magnetics, which include a main winding and a common-mode
choke, and termination resistance to match the line impedance. The common-mode choke can be
located on either the primary or secondary side of the winding. Some vendors place the receive com-
mon-mode choke on the line-side (primary) of the main winding while others place it on the device side
(secondary). Either location is acceptable.
Figure 3. Receive Interface Circuitry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com