Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1714 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1714 Datasheet HTML 3Page - STMicroelectronics AN1714 Datasheet HTML 4Page - STMicroelectronics AN1714 Datasheet HTML 5Page - STMicroelectronics AN1714 Datasheet HTML 6Page - STMicroelectronics AN1714 Datasheet HTML 7Page - STMicroelectronics AN1714 Datasheet HTML 8Page - STMicroelectronics AN1714 Datasheet HTML 9Page - STMicroelectronics AN1714 Datasheet HTML 10Page - STMicroelectronics AN1714 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
AN1714
Powerline communication
7/46
1.1.1
Impedance of powerlines
A powerline has very variable impedance depending on several factors such as its
configuration (star connection, ring connection) or the number of entities linked.
Extensive data on this subject has been published by Malack and Engstrom of IBM
(Electromagnetic Compatibility Laboratory), who measured the RF impedance of 86
commercial AC power distribution systems in six European countries (see Figure 3).
These measurements show that the impedance of the residential power circuits increases
with frequency and is in the range from about 1.5 to 8
Ω at 100 kHz. It appears that this
impedance is determined by two parameters - the loads connected to the network and the
impedance of the distribution transformer. Recently a third element influences the
impedance of the powerline, in particular in residential networks. It is represented by the
EMI filters mounted in the last generation of home appliances (refrigerators, washing
machines, television sets, stereos). Wiring seems to have a relatively small effect. The
impedance is usually inductive.
For typical resistive loads, signal attenuation is expected to be from 2 to 50 dB at 150 kHz
depending on the distribution transformer used and the size of the loads. Moreover, it may
be possible for capacitive loads to resonate with the inductance of the distribution
transformer and cause the signal attenuation to vary wildly with frequency.
For the compliance tests the normative EN50065 use two artificial mains networks
conforming to sub clause 11.2 of CISPR 16-1:1993. Measurements on real networks have
shown that this artificial network does not truly represent practical network impedance. To
better evaluate the performance of a real signaling system, an adaptive network must be
used in conjunction with the CISPR 16-1 artificial network. The design of the adaptive circuit
is included in the informative annex F of EN50065-1 (revision 2001).
Figure 3.
Aggregate European powerline impedance (by Malack and Engstrom)
1.1.2
Noise
Appliances connected to the same transformer secondary to which the powerline carrier
system is connected cause the principal source of noise. The primary sources of noise are
Triacs used in light dimmers, universal motors, switching power supplies used in small and
portable appliances and fluorescent lamps.
IMPEDANCE MAGNITUDE (OHM)
0.1
1.0
10.0
100.0
1000.0
0.04
0.08
0.10
0.30
0.75
2.10
5.00
15.00
30.00
FREQUENCY (MHz)
MAXIMUM
MEAN
MINIMUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com