Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1714 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1714
Description  transceiver demonstration kit description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1714 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1714 Datasheet HTML 1Page - STMicroelectronics AN1714 Datasheet HTML 2Page - STMicroelectronics AN1714 Datasheet HTML 3Page - STMicroelectronics AN1714 Datasheet HTML 4Page - STMicroelectronics AN1714 Datasheet HTML 5Page - STMicroelectronics AN1714 Datasheet HTML 6Page - STMicroelectronics AN1714 Datasheet HTML 7Page - STMicroelectronics AN1714 Datasheet HTML 8Page - STMicroelectronics AN1714 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
List of figures
AN1714
4/46
List of figures
Figure 1.
Typical powerline modem applications scenario. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Mains signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Aggregate European powerline impedance (by Malack and Engstrom). . . . . . . . . . . . . . . . 7
Figure 4.
Voltage spectra of a 100 W light dimmer, a notebook PC, a desktop PC, a CFL lamp,
a TLE lamp, all working with a 50 Hz/~220 V supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
FSK modulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
ST7538Q transceiver block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
ST7538Q demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Demonstration board layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Demonstration board schematic: microcontroller and PC interface . . . . . . . . . . . . . . . . . . 12
Figure 10.
Demonstration board schematic: line coupling interface and power supply . . . . . . . . . . . . 13
Figure 11.
Demonstration board ST7538Q powerline interface. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Demonstration board ST7538Q transmission coupling circuit . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
Simplified schematic of the transmission filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 14.
Simulated characteristics of the transmission coupling filter. . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 15.
Coupling circuit with a 2nd order band pass butterworth. . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 16.
Demonstration board ST7538Q receiving circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Measured filtering characteristic of the demonstration board at the RAI pin in receive
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
Powerline output characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
Voltage regulation and current protection components . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 20.
Voltage regulation/current protection loop logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 21.
Current protection loop characteristic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 22.
Voltage regulation and current protection feedback signals . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 23.
Power supply EMC disturbances filter circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 24.
Noise generation in resistive supply or ground path . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 25.
A recommended oscillator section layout for noise shielding . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 26.
Common mode and differential mode spikes example . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 27.
Microcontroller/RS232 interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 28.
ST7538Q / microcontroller interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 29.
Conducted disturbance setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 30.
Output signal spectrum, channel 132.5 kHz, mains 220 V~, fixed tone . . . . . . . . . . . . . . . 38
Figure 31.
Output signal spectrum, channel 132.5 kHz, mains 220 V~, random sequence . . . . . . . . 38
Figure 32.
Output signal spectrum, channel 132.5 kHz, mains 110 V~, random sequence . . . . . . . . 39
Figure 33.
Output signal spectrum, channel 110 kHz, mains 220 V~, random sequence . . . . . . . . . . 39
Figure 34.
Narrowband conducted interferences setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 35.
Signal/noise ratio for the 132.5 kHz channel, signal level 85 dBuV . . . . . . . . . . . . . . . . . . 40
Figure 36.
Signal/noise ratio for the 132.5 kHz channel, signal level 85 dBuV, mains 110 V~ . . . . . . 41
Figure 37.
Signal/noise ratio for the 110 kHz channel, signal level 91 dBuV. . . . . . . . . . . . . . . . . . . . 41
Figure 38.
Output board impedance measurement setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 39.
Output demonstration board impedances (CN1) in receiving condition . . . . . . . . . . . . . . . 42
Figure 40.
Output demonstration board impedances (CN1) in transmitting condition . . . . . . . . . . . . . 42
Figure 41.
Zero-crossing coupling circuit, nonisolated solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 42.
Zero-crossing coupling circuit, isolated solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com