Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0402 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0402 Datasheet HTML 24Page - STMicroelectronics UM0402 Datasheet HTML 25Page - STMicroelectronics UM0402 Datasheet HTML 26Page - STMicroelectronics UM0402 Datasheet HTML 27Page - STMicroelectronics UM0402 Datasheet HTML 28Page - STMicroelectronics UM0402 Datasheet HTML 29Page - STMicroelectronics UM0402 Datasheet HTML 30Page - STMicroelectronics UM0402 Datasheet HTML 31Page - STMicroelectronics UM0402 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
BOM list
UM0402
28/35
Appendix B
BOM list
Table 12.
BOM list
11
BT1
PCB mount NiMH
battery,4.8V 150mAh
THT
VARTA
55615604940
RS
422-400
21
BT2
BR2032H2A lithium
coincell,3V 190mAh
THT
Panasonic
BR2032/1GURS
RS
597-396
3
3
C1,C10,C11
100uF 25V electrolytic
THT 2.54mm pitch,
Diameter=7mm
4
1
C2
22 nF 25V ceramic
SMD 0805
5
1
C3
10uF 50V electrolytic
THT 2.54mm pitch,
Diameter=5mm
611
C4,C9,C27,C3
2,C5,C12,C19,
C24,C25,C30,
C33
100 nF 25V ceramic
SMD 0805
7
2
C6,C7
1uF 450V electrolytic
THT 3.5mm pitch,
Diameter 8mm
8
1
C8
47uF 25V
THT 2.54mm pitch,
Diameter=5mm
95
C13,C14,C20,
C23,C31
10nF 25V ceramic
SMD 0805
10
1
C15
1nF 50V ceramic
SMD 0805
11
3
C16,C17,C18
1uF 25V ceramic
SMD 0805
12
4
C21,C22,C28,
C29
15 pF 25V ceramic
SMD 0805
13
1
C26
33nF 25V ceramic
SMD 0805
14
1
DZ1
zener 9.1V 0.5W
SMD DO-213
15
1
DZ2
zener 10V 0.5W
SMD DO-213
16
2
D2,D8
STTH1L06
SMD SMA
ST
STTH1L06A
17
4
D3,D11,D12,D
13
LL4148 Small signal diode
SMD 1206
DIOTEC
SEMICONDU
CTOR
LL4148
Distrelec
601496
18
1
D4
BAT49
SMD MELF
ST
TMBAT 49
19
2
D5,D6
GF1M Rectifier diode, 1A
1000V
SMD DO214
General
Semiconducto
r
GF1M
RS
269-451
20
1
D9
3mm red LED
THT
21
1
D10
IR Emitting Diode 5mm
THT
VISHAY
TSAL6100
22
1
JA1, J6
5 way 2 row header,0.1in
pitch 7mm pin (10 PIN strip
line)
THT
23
2
JP1, SW2
2 way 1 row header,0.1in
pitch 7mm pin (2 PIN strip line
for jumper)
THT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com