Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0402 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0402
Description  Single-phase multi-tariff energy meter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0402 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0402 Datasheet HTML 1Page - STMicroelectronics UM0402 Datasheet HTML 2Page - STMicroelectronics UM0402 Datasheet HTML 3Page - STMicroelectronics UM0402 Datasheet HTML 4Page - STMicroelectronics UM0402 Datasheet HTML 5Page - STMicroelectronics UM0402 Datasheet HTML 6Page - STMicroelectronics UM0402 Datasheet HTML 7Page - STMicroelectronics UM0402 Datasheet HTML 8Page - STMicroelectronics UM0402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UM0402
Overview
5/35
A 16 MHz crystal is used for obtaining an 8 MHz CPU clock for the micro.
This meter has SPI EEPROM (M95256) with 256 Kb of memory, and SPI RTC (M41T94) for
date and time functions. 3V rechargeable battery is used to supply RTC for when the line
power is down and the battery is fully discharged.
Figure 1.
Multi-tariff meter board
The board has a Viper12-based switching power supply. When line power is not available,
power to the application is supplied by 4.8V rechargeable battery.
An LCD display is present with 24x4 segments, customized for electricity meter use.
This board also supports IRDA protocol IEC62056-21 mode C.
There are two 10-pin connectors, one to program STPM14 internal OTP registers, and one
for microcontroller ICP.
Two jumpers are used for the microcontroller reset and to simulate a box tamper. A push
button is used to display various parameters on the LCD display. 30 seconds after the switch
is pressed without further activity, the LCD screen once again displays the first screen
showing accumulated kWh and eventual error symbols. However, repeated presses of the
button cycle through the display of additional information.
See Table 8 on page 19 for full details on the parameters displayed on the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com