Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0541 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0541
Description  DCP monitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0541 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0541 Datasheet HTML 3Page - STMicroelectronics UM0541 Datasheet HTML 4Page - STMicroelectronics UM0541 Datasheet HTML 5Page - STMicroelectronics UM0541 Datasheet HTML 6Page - STMicroelectronics UM0541 Datasheet HTML 7Page - STMicroelectronics UM0541 Datasheet HTML 8Page - STMicroelectronics UM0541 Datasheet HTML 9Page - STMicroelectronics UM0541 Datasheet HTML 10Page - STMicroelectronics UM0541 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM0541
Using DCP monitor
7/19
2
Using DCP monitor
2.1
Defining behavior
DCP monitor can work in two ways:
●
Polling
●
Autonomously
This means that the user can query information from an external tool (usually CPU
commander) or the application can send the information by itself.
2.1.1
Autonomously
In order to communicate with this mode, the user can call whenever needed within the code
the DCP_SendFrame function.
For parsing, the user should customize and register the DCP_Callback function.
Within this function all the necessary processing should be done. Parsing of the received
user command.
2.1.2
Polling
In order to work with this mode, no specifications are needed.
The external tool instructs the target to read or write data using the DCC_READ and
DCC_WRITE commands.
In this case there is no need of coding for the user. The only operation required is to initialize
the DCP by calling the DCP_Init function.
Note:
About endianness: the protocol works with big endianness. This means that all information
sent must be converted to big endian and all the information received must be converted to
the endianness of the receiving platform.
2.2
Configuring DCP
2.2.1
Communication API configuration
COM_API defines which communication API is used.
2.2.2
ACK management
ACK management can be enabled with ACK_MANAGEMENT_SEND.
ACK management on Rx can be enabled with ACK_MANAGEMENT_WAIT, specifying the
timeout for waiting in ms with ACK_MANAGEMENT_TIMEOUT. If the sender is waiting for
an ACK and it receives a frame, it simply processes the frame and still remains waiting for
the ACK.
2.2.3
DCP version
The version of the protocol is specified by DCP_VERSION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com