Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0541 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0541
Description  DCP monitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0541 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0541 Datasheet HTML 1Page - STMicroelectronics UM0541 Datasheet HTML 2Page - STMicroelectronics UM0541 Datasheet HTML 3Page - STMicroelectronics UM0541 Datasheet HTML 4Page - STMicroelectronics UM0541 Datasheet HTML 5Page - STMicroelectronics UM0541 Datasheet HTML 6Page - STMicroelectronics UM0541 Datasheet HTML 7Page - STMicroelectronics UM0541 Datasheet HTML 8Page - STMicroelectronics UM0541 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Architecture
UM0541
4/19
1
Architecture
1.1
DCP monitor
DCP monitor consists of the following files:
●
DCP.c - contains all functions of the DCP monitor
●
DCP.h - header file used to configure the DCP monitor
●
DCPPort_xxx.c - contains all functions specific for the target
●
DCPPort_xxx.h - header file for DCPPort_xxx.c
All these files have to be included in the target side project to implement the DCP monitor.
1.1.1
DCP protocol
DCP protocol is used by CPU commander during a UART communication.
Figure 1 describes the format of a DCP frame.
Figure 1.
Serial communication frame format
FrameID (Frame Identifier): is used only if acknowledge management is set. It is a counter 8
bits long and identifies the frame.
Command ID (Command Identifier): is the identifier of the frame and is 32 bits long.
SYS (System) flag: when it is set, the frame is a system frame.
CRC (Cyclic Redundancy Check) flag: when it is set the CRC is present in the frame
otherwise not.
ACK (Acknowledge) flag: when it is set, the receiver must send an acknowledge frame.
Length: this field is 8 bits long and indicates the length of the data in bytes (from 0 to 255
bytes) present in the current frame.
Data: it contains from 0 up to 255 bytes of data.
CRC: if CRC flag is set the last filed contains the CRC value. It is 16 bits long.
CommandID
Length
Data
CRC
32 bits
8 bits
8 bits
0 - 255 bits
16 bits
FrameID
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com