Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0759 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 10Page - STMicroelectronics UM0759 Datasheet HTML 11Page - STMicroelectronics UM0759 Datasheet HTML 12Page - STMicroelectronics UM0759 Datasheet HTML 13Page - STMicroelectronics UM0759 Datasheet HTML 14Page - STMicroelectronics UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
General description
UM0759
14/26
Doc ID 16058 Rev 2
Diagnostic reset bit
Description:
Diagnostic Reset bit, more details, please refers to L9958 datasheet.
Value:
Diagnostic Reset Disable
→ Clicked → 1
Diagnostic Reset Enable
→ Un-Clicked → 0
Default:
Diagnostic Reset Enable
→ Un-Clicked → 0
SPI command Bit:
b1
Open load in ON state enable
Description:
Open load in ON state Enable bit, more details, please refer to L9958
datasheet.
Value:
Open load in ON state Enable
→ Clicked → 1
Open load in on state Disable
→ Un-Clicked → 0
Default:
→ Open load in ON state Disable → Un-Clicked → 0
SPI-DIN Bit:
b11
Current slew rate control disable
Description:
Current Slew Rate Control Disable bit, more details, please refers to L9958
datasheet.
Value:
Current Slew Rate Control Disable
→ Clicked → 1
Current Slew Rate Control Enable
→ Un-Clicked → 0
Default:
Current Slew Rate Control Enable
→ Un-Clicked → 0
SPI-DIN Bit:
b10
3
CL_2
Bit2 for Regulation Current Level
1
4
RES
Reserved
—
5
RES
Reserved
—
6
RES
Reserved
—
7
RES
Reserved
—
8
VSR
Voltage slew rate control value
0
9
ISR
Current slew rate control value
0
10
ISR_DIS
Current slew rate control disable
0
11
OL_ON
Open load in ON state enable
0
12
RES
Reserved
—
13
RES
Reserved
—
14
0
“0” to be written
—
15-MSB
0
“0” to be written
—
Table 5.
SPI configuration protocol (continued)
Bit
Name
Description
Config. value
after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com