Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0759 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics UM0759 Datasheet HTML 22Page - STMicroelectronics UM0759 Datasheet HTML 23Page - STMicroelectronics UM0759 Datasheet HTML 24Page - STMicroelectronics UM0759 Datasheet HTML 25Page - STMicroelectronics UM0759 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
UM0759
24/26
Doc ID 16058 Rev 2
Appendix A
A.1
ST10 configuration
CPU Frequency: 64 MHz
1.
ASC
For ST10F276, ASC0 can be initialized;
Baud Rate: 38400, 8 bit data asynchronous, 1 stop bit,
2.
SSC
Frequency: 1 MHz, 16 bit Data-Width, LSB first, Low level at idle, transmit at rising
edge
/CS line: 2.3
A.2
Pin out
Pin connection between ST10F27x evaluation board and L9958 demonstration board.
Table 9.
ST10F276 pin out for L9958 board
Function
Name
GPIO
PIN
F27x_SH(1)
1.
F276_SH is the board made by ShangHai BPT&S Lab APG China (ST10F27X EVA v1.0).
EN/DI
DI
P2.0
Pin 47 - GPIO
C17
EN
P2.1
Pin 48 – GPIO
D17
Direction control
DIR
P2.2
Pin 49 – GPIO
C18
PWM
P7.0
Pin 19 – POUT0
A22
SPI
signals
/CS
P2.3
Pin 50 – GPIO
D18
SCK
P3.13
Pin 80- SCLK0
D25
SI
P3.9
Pin 76-MTSR0
C26
SO
P3.8
Pin 75-MRST0
D26
UART
signals
TxD1
P8.7
Pin 16-TxD1
B21
RxD1
P8.6
Pin 15-RxD1
A21
TxD0
P3.10
Pin 77-TxD0
C11
RxD0
P3.11
Pin 78-RxD0
D11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com