Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1488 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1488
Description  STPMC1 evaluation software
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1488 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1488 Datasheet HTML 9Page - STMicroelectronics UM1488 Datasheet HTML 10Page - STMicroelectronics UM1488 Datasheet HTML 11Page - STMicroelectronics UM1488 Datasheet HTML 12Page - STMicroelectronics UM1488 Datasheet HTML 13Page - STMicroelectronics UM1488 Datasheet HTML 14Page - STMicroelectronics UM1488 Datasheet HTML 15Page - STMicroelectronics UM1488 Datasheet HTML 16Page - STMicroelectronics UM1488 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UM1488
Application work area
Doc ID 022451 Rev 2
13/17
Other calculated parameters are shown in the “Common” and in the “Phase Delay” groups:
●
DC value of N-channel voltage input
●
line frequency
●
sum of RMS currents
●
S to R and R to T phase delays.
All calculation formulas can be found in the AN3254 application note.
5.2
Status bits
There are four group-boxes (R-Phase status, S-Phase status, T-Phase status, Common
status) showing the device status bits contained in:
●
DAR register for R-Phase status
●
DAS register for S-Phase status
●
DAT register for T-Phase status
●
DAP+DRP registers for Common status.
These bits are read only and are automatically updated every time the device is read.
5.3
Mode signals
The Mode signal group-box shows the device mode signals.
This is a read/write area: the mode signals are updated every time the device is read. To set
or clear these bits, the user should respectively check or uncheck the related check box,
then right click and click on the “Write” button. One mode signal is written at a time.
The mode signal check boxes are automatically updated every time the device is read.
Note:
When the user selects “Write SHL” (write to shadow memory) or “Write OTP” (write
permanently to OTP memory), the software manages, by itself, the mode signal to perform
these operations.
5.4
Configurators
In the configurators’ area all device configuration bits can be read and written.
These bits are automatically updated every time the device is read. To set or clear a
configuration bit, the user should respectively check or uncheck the related check box, then
use the button “Write SHL” or “Write OTP” from the Command area to respectively write
temporarily or permanently all the configurators.
Note:
All the configuration bits are written at the same time.
The TSTD bit is disabled and can be set only through the “Lock” button.
CHK bit is a read only bit.
If the PM bit is set, the bits are automatically arranged to append the calibrators' extenders
to the corresponding phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com